Electronic Components Datasheet Search
  English  ▼

X  

TMS28F033 Datasheet(PDF) 37 Page - Texas Instruments

Part # TMS28F033
Description  4194304-BIT SYNCHRONOUS FLASH MEMORY
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F033 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS28F033 Datasheet HTML 33Page - Texas Instruments TMS28F033 Datasheet HTML 34Page - Texas Instruments TMS28F033 Datasheet HTML 35Page - Texas Instruments TMS28F033 Datasheet HTML 36Page - Texas Instruments TMS28F033 Datasheet HTML 37Page - Texas Instruments TMS28F033 Datasheet HTML 38Page - Texas Instruments TMS28F033 Datasheet HTML 39Page - Texas Instruments TMS28F033 Datasheet HTML 40Page - Texas Instruments TMS28F033 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
18
17
16
15
14
13
12
11
D0
D3
D2
10
9
8
7
A1
6
5
4
3
2
1
A0
CLK
A–1–A16 (word-wide)
A0–A16 (double-word-wide)
E
WR
WE
LBA
D1
D3
D2
D1
BAA
OE
QV
RY/BY
DQ0–DQ7 and DQ24–DQ31
(word-wide)
DQ0–DQ31 (double-word-wide)
RP
VDDI/VDDE
D0
tAVCH
tELCH
tRHCH
tLLCH
tCHCH1
tCHQX
tCHQZ
tCHQH
tCHGH
tCHBH
tBLCH
tCHQV
tCHQD
tCHQL
tGLCH
tCHAX
tCHRL
tCHLH
BASIC/ENHANCED
PIN SET
DCR0
OE
MODE
DCR1
WE
MODE
DCR2
DIS/
WORD
DCR3
LRV/
BAA
DCR4
BURST
LENGTH
DCR25,24
BURST
LATENCY (X)
DCR29,28
BURST
LATENCY (Y)
DCR30
x16 WRITE
OPTION
DCR31
Basic pin set (DCR0=0)
0
(see Note E)
X
Optional
(see Note F)
1
(see Note G)
00
(see Note H)
01
(see Note I)
0
(see Note I)
X
Enhanced pin set (DCR0=1)
0
(see Note E
X
Optional
(see Note F)
1
(see Note G)
00
(see Note H)
01
(see Note I)
X
NOTES: A. X is a don’t care.
B. See Table 8 through Table 12 for DCR setting descriptions.
C. Address A1 can be loaded as early as clock 5 for overlapped burst reads.
D. Linear burst with the enhanced pin set requires LBO = VIL.
E. Synchronous and asynchronous OE are available (see Figure 20); DCR1 = 0 and DCR1 = 1, respectively.
F. For DIS usage, see Figure 21.
G. For synchronous OE (DCR1 = 0), BAA is not required to burst if OE is used to control the burst (DCR[29:28] = 00).
H. 3–1– . . . –1 is available with MOD4, MOD8, MOD16 (see Figure 17), and MOD32.
I. Linear MOD4 burst is available with 3–1–1–1, 4–1–1–1, 5–1–1–1, and 4–2–2–2 (see Figure 19).
Figure 14. 3–1–1–1 MOD4 Linear Burst With Device Configuration Register Settings
ADVANCE INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com