Electronic Components Datasheet Search
  English  ▼

X  

TMS28F033 Datasheet(PDF) 15 Page - Texas Instruments

Part # TMS28F033
Description  4194304-BIT SYNCHRONOUS FLASH MEMORY
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F033 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMS28F033 Datasheet HTML 11Page - Texas Instruments TMS28F033 Datasheet HTML 12Page - Texas Instruments TMS28F033 Datasheet HTML 13Page - Texas Instruments TMS28F033 Datasheet HTML 14Page - Texas Instruments TMS28F033 Datasheet HTML 15Page - Texas Instruments TMS28F033 Datasheet HTML 16Page - Texas Instruments TMS28F033 Datasheet HTML 17Page - Texas Instruments TMS28F033 Datasheet HTML 18Page - Texas Instruments TMS28F033 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
TMS28F033
4194304-BIT
SYNCHRONOUS FLASH MEMORY
SMJS833 – NOVEMBER 1997
15
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
burst access and burst performance (continued)
Table 11. Burst Performance (Clock Cycles to Read)
x16 Mode
x32 Mode
FREQUENCY (MHz)
LINEAR†
INTERLEAVE
LINEAR
A–1 = 0
A–1 = 1
INTERLEAVE
LINEAR
< 25 (see Note 9)
4–2– ...–2
4–2– ...–2
4–2– ...–2
4–2– ...–2
< 33 (see Note 9)
4–2– ...–2
5–1– ...–1
4–1– ...–1
4–2– ...–2
< 40 (see Notes 9 and 10)
—
—
—
5–2– ...–2
† The state of A–1 when the address is latched (at CLK 1 in Figure 14)
NOTES:
9. The
Y-latency
notation
for
MOD4
has
three
1s/2s
(–1–1–1/–2–2–2).
For
MOD8,
there
are
seven
1s/2s
(–1–1–1–1–1–1–1/–2–2–2–2–2–2–2). MOD16 has fifteen 1’s/2’s, and MOD32 has 31 1’s/2’s.
10. To obtain 5–2– . . . –2 (40 MHz), the required DCR settings are 4–2– . . . –2, and asynchronous OE with BAA-controlled burst.
burst suspend/resume
Burst suspension is the ability to hold the address advance and the data on the output I/Os DQ0 – DQ7 and
DQ24 – DQ31 if in x16 mode, or on DQ0 – DQ31 if in x32 mode. For DCR4 = 1, the suspension of a burst
sequence is possible by bringing BAA high. To resume the burst, bring BAA low again (see Figure 18). When
DCR4 = 0, the suspension of the burst is possible by bringing OE high. To resume the burst, bring OE low again.
linear burst order (LBO)
When performing a burst read, a single starting address is entered into the device and then the TMS28F033
internally accesses a sequence of locations based on that starting address. The burst sequence is determined
by the linear burst order (LBO) setting (see the Terminal Functions table). When LBO = VIL, the burst order is
linear 0–1–2–3....; and when LBO = VIH, the burst order is interleave (see Table 12). Linear burst order is
available with MOD4, MOD8, MOD16, and MOD32. Interleave burst order is available only with MOD4, and only
with the 16-bit data bus.
Table 12. 2-Bit Linear and Interleaved-Burst Sequences (MOD4)
ADDRESS
BURST
A1 – A0 For x32 Mode, AND A0 – A–1 For x16 Mode
BURST
SEQUENCE
DECIMAL
BINARY
START
2ND
3RD
4TH†
START
2ND
3RD
4TH†
0
1
2
3
00
01
10
11
Linear
1
2
3
0
01
10
11
00
(see Note 11)
2
3
0
1
01
10
11
00
3
0
1
2
11
00
01
10
0
1
2
3
00
01
10
11
Interleave
1
0
3
2
01
00
11
10
(see Note 12)
2
3
0
1
10
11
00
01
3
2
1
0
11
10
01
00
† Burst sequence continues until OE or BAA is brought high.
NOTES: 11. Linear burst is available with both x16 and x32 for MOD4, MOD8, MOD16, and MOD32. For linear burst set LBO=VIL.
12. Interleaved burst is available only with MOD4, and only with the 16-bit data bus. For interleave burst set LBO =VIH.
word (X16) write option
DCR31 determines the number of write cycles for word-wide programming. For DCR31 = 0, the device performs
two-cycle writes, or with DCR31 = 1, the device performs three-cycle writes (see Table 5). See Figure 22 and
Figure 24 for synchronous two- and three-cycle writes, respectively. For asynchronous two-cycle writes, see
Figure 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com