Electronic Components Datasheet Search
  English  ▼

X  

TMS28F033 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMS28F033
Description  4194304-BIT SYNCHRONOUS FLASH MEMORY
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F033 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS28F033 Datasheet HTML 8Page - Texas Instruments TMS28F033 Datasheet HTML 9Page - Texas Instruments TMS28F033 Datasheet HTML 10Page - Texas Instruments TMS28F033 Datasheet HTML 11Page - Texas Instruments TMS28F033 Datasheet HTML 12Page - Texas Instruments TMS28F033 Datasheet HTML 13Page - Texas Instruments TMS28F033 Datasheet HTML 14Page - Texas Instruments TMS28F033 Datasheet HTML 15Page - Texas Instruments TMS28F033 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
TMS28F033
4194304-BIT
SYNCHRONOUS FLASH MEMORY
SMJS833 – NOVEMBER 1997
12
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
device configuration defaults
The term “default” denotes the state of a bit in the DCR when the device is first powered up or when a power-on
reset is performed. These defaults are set at the factory after fabrication. After the CSM command that loads
the DCR (96h) is executed, the defaults no longer define the device operation; instead, the new configuration
takes effect. To restore the default state, either perform a power-on reset or load the DCR with the reset-state
settings using the 96h command sequence.
The TMS28F033 has two types of defaults: a fuse-bit-option default and a standard default. The difference
between the two types is that a fuse-bit-option default can be optionally set (0 or 1) at the factory, whereas a
standard default is always set to 0 at the factory. The DCR has eight fuse-bit-option defaults, DCR0 – DCR7,
and eight standard defaults, DCR24 – DCR31. The X-latency bits DCR28 – DCR29 are the only exceptions to
these two types of defaults. These bits default to 00 (standard defaults), except when the device is in x16 mode
(WORD = VIL) or when OE is asynchronous (DCR1 = 1). In these exceptions, the DCR28–DCR29 bits function
as 10 (see Table 8). It is important to note that even though DCR28 – DCR29 functions as 10 for these
exceptions, they are still read (with the DCR read command 90h) as 00, instead of 10.
Table 8. Device Configuration Register Bit Definitions and Functions
DCR BIT
FUNCTION
DATA
COMMENTS
DCR0
Control pin configuration
0 = Basic Control Pin Set
1 = Enhanced Control Pin Set
(see Note 5 and Note 6)
When DCR0 = 0, the device functions with the basic
pin set, and the internal pullups are enabled for the RP,
BAA/LRV, and WORD/DIS pins. When DCR0 = 1, the
device
functions
with
the
enhanced
pin
set.
See the Terminal Functions table and Table 9
DCR1
OE functionality
0 = Synchronous OE
1 = Asynchronous OE
(see Note 5 and Note 6)
When DCR1 = 0, OE functions as a synchronous
output enable. When DCR1 = 1, OE functions
asynchronously. See the Terminal Functions table and
Table 9
DCR2
WE functionality
0 = Synchronous WE
1 = Asynchronous WE
(see Note 5 and Note 6)
When DCR2 = 0, WE functions as a synchronous write
enable.
When
DCR2
=
1,
WE
functions
asynchronously. See the Terminal Functions table and
Table 9
DCR3
WORD/DIS functionality
0 = DIS, and x32 mode
1 = WORD
(see Note 5 and Note 6)
When DCR3 = 0, pin 78 functions as output disable
(DIS) and the device is forced into x32 mode. When
DCR3 = 1, pin 78 functions as WORD (for x16 mode,
set WORD = VIL; and for x32 mode, set WORD = VIH).
See the Terminal Functions table and Table 9
DCR4
BAA/LRV functionality
0 = LRV
1 = BAA
(see Note 5 and Note 6)
When DCR4 = 0, pin 79 functions as low regulator
voltage (LRV) and its status can be monitored in SB4.
When DCR4 = 1, pin 79 functions as burst address
advance (BAA). See the Terminal Functions table and
Table 9
DCR5
Main block control
0 = 3 Main Blocks
1 = 4 Main Blocks
(see Note 5 and Note 6)
When DCR5 = 0, the main memory array has three
blocks, as seen in Figure 1. When DCR5 = 1, the main
memory array has four blocks, as seen in Figure 2.
See Table 1.
DCR7, DCR6
Internal timing control
Refer to switching characteristics
for tCHCH1 and tCHQV
(see Note 5 and Note 6)
These bits are used to optimize device performance
(see switching characteristics table).
NOTES:
5. The default setting for these bits is set at the factory prior to shipping.
6. These bits return to the default setting after a power-on reset is performed; therefore, it is necessary to program these bits to the
desired configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com