Electronic Components Datasheet Search
  English  ▼

X  

TMS28F033 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS28F033
Description  4194304-BIT SYNCHRONOUS FLASH MEMORY
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F033 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS28F033 Datasheet HTML 10Page - Texas Instruments TMS28F033 Datasheet HTML 11Page - Texas Instruments TMS28F033 Datasheet HTML 12Page - Texas Instruments TMS28F033 Datasheet HTML 13Page - Texas Instruments TMS28F033 Datasheet HTML 14Page - Texas Instruments TMS28F033 Datasheet HTML 15Page - Texas Instruments TMS28F033 Datasheet HTML 16Page - Texas Instruments TMS28F033 Datasheet HTML 17Page - Texas Instruments TMS28F033 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
TMS28F033
4194304-BIT
SYNCHRONOUS FLASH MEMORY
SMJS833 – NOVEMBER 1997
14
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
control pin functions (continued)
Table 9. DCR-Controlled Pin Functions
PIN NUMBER
DCR BIT (x)
DCRx = 0
DCRx = 1
68
0
Hi-Z
QV
69
0
Hi-Z
RY/BY
72
0
3.3-V IO
3/5IO
74
0
Chip Enabled
E
75
1
Synchronous OE
Asynchronous OE
76
2
Synchronous WE
Asynchronous WE
78
3
DIS
WORD
79
4
LRV
BAA
80
0
Linear Burst
LBO
burst length
The burst length, as determined by DCR24 – DCR25, is the length of the data sequence (or number of memory
locations) to be read for each entered address. When using BAA (DCR4 = 1), there are four possibilities for burst
length: modulo 4 addressing (MOD4), MOD8, MOD16, and MOD32. For MOD4, when the initial address is
XXXX0h, the internal burst address order is 0–1–2–3 for linear burst (LBO = VIL). MOD8, MOD16, and MOD32
function as 0–1–2... 6–7, 0–1–2... 14–15, and 0–1–2... 30–31, respectively. Burst delivery is critical word
first with wrap around.
burst access and burst performance
The notation X–Y–...–Y is used to denote the X and Y burst latency for the data sequence to be burst.
X-latency (DCR28 – DCR29) denotes the number of clock cycles required to access the first word/double-word
from memory, and Y-latency (DCR30) denotes the number of clock cycles required to access the subsequent
words/double-words to complete the cache fill (see Table 10). The four X-latency possibilities are:
OE-controlled, and 3, 4, or 5 clock cycles. The two Y-latency possibilities are 1 and 2 clock cycles. The burst
performance for < 25 MHz, < 33 MHz, and < 40 MHz for linear and interleave burst order is listed in Table 11.
Table 10. Burst Access Combinations (see Note 7)
DEVICE CONFIGURATION REGISTER BITS
BURST ACCESS
DCR30
DCR29
DCR28
(CLOCK CYCLES TO READ)
0
0
0
X–1– . . . –1 (see Note 8)
0
0
1
3–1– ...–1
0
1
0
4–1– ...–1
0
1
1
5–1– ...–1
1
0
0
X–2– . . . –2 (see Note 8)
1
1
0
4–2– ...–2
NOTES:
7. These burst access combinations are available for MOD4, MOD8, MOD16, and MOD32.
8. For both DCR30 – DCR28 = 000 and DCR30 – DCR28 = 100, the X-latency is OE-controlled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com