Electronic Components Datasheet Search
  English  ▼

X  

TMS28F033 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS28F033
Description  4194304-BIT SYNCHRONOUS FLASH MEMORY
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F033 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS28F033 Datasheet HTML 5Page - Texas Instruments TMS28F033 Datasheet HTML 6Page - Texas Instruments TMS28F033 Datasheet HTML 7Page - Texas Instruments TMS28F033 Datasheet HTML 8Page - Texas Instruments TMS28F033 Datasheet HTML 9Page - Texas Instruments TMS28F033 Datasheet HTML 10Page - Texas Instruments TMS28F033 Datasheet HTML 11Page - Texas Instruments TMS28F033 Datasheet HTML 12Page - Texas Instruments TMS28F033 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
TMS28F033
4194304-BIT
SYNCHRONOUS FLASH MEMORY
SMJS833 – NOVEMBER 1997
9
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
command definition (continued)
Table 5. Command Definitions
DATA
FIRST BUS CYCLE
SECOND BUS CYCLE
THIRD BUS CYCLE
COMMAND
BUS
WIDTH
OPERATION
ADDRESS
CSM
INPUT
OPERATION
ADDRESS
DATA
IN/OUT
OPERATION
ADDRESS
DATA
IN/OUT
READ OPERATIONS
Read Array
x16/x32
Write
00000h†
FFh
Read
RA
DO
Read Algorithm
Selection Code
(see Note 1, and
Table 6)
x16/x32
Write
00000h†
90h
Read
A1A0
M/D
DCR
Read Status Register
x16/x32
Write
00000h†
70h
Read
X
SRB
PROGRAM OPERATIONS
Program Setup/Program
of Main Array
x16
Write
00000h†
40h
Write
A–1
PD(L,H)
Write
PA
PD(H,L)
of Main Array
(see Note 1)
x16/x32
Write
00000h†
40h
Write
PA
PD
Program Setup/Program
of Overlay Block
x16
Write
00000h†
04h
Write
A–1
PD(L,H)
Write
PA
PD(H,L)
of Overlay Block
(see Note 1)
x16/x32
Write
00000h†
04h
Write
PA
PD
Load DCR
x16/x32
Write
00000h†
96h
Write
X
CV
ERASE OPERATIONS
Block-Erase Setup/
Block-Erase Confirm
of Main Array
x16/x32
Write
00000h†
20h
Write
BBA
D0h
Block-Erase Setup/
Block-Erase Confirm
of Overlay Block
x16/x32
Write
00000h†
02h
Write
BBA
0Dh
OTHER OPERATIONS
Reduced-Power Mode
x16/x32
Write
00000h†
F0h
Enable/Disable Low-
Power Programming
x16/x32
Write
00000h†
60h
Clear Status Register
x16/x32
Write
00000h†
50h
Enable/Disable Overlay
Block for Read
x16/x32
Write
00000h†
06h
† Address is a don’t care for asynchronous writes.
NOTE 1: When using x16 (DCR3 = 1 and WORD = VIL), programming can be performed in either two or three cycles by configuring the DCR31
bit (see Table 8).
Legend:
ADDRESS
DATA
BBA
=
Block base address
CV
=
Configuration value
PA
=
Address to be programmed
DO
=
Read data out
RA
=
Read address
M/D/DCR
=
Manufacturer code/device configuration register value
X
=
Don’t care
SRB
=
Status-register data byte on DQ0 – DQ7
PD(L,H)
=
Data to be programmed at PA (low word, high word)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com