Electronic Components Datasheet Search
  English  ▼

X  

TMS28F033 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMS28F033
Description  4194304-BIT SYNCHRONOUS FLASH MEMORY
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F033 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS28F033 Datasheet HTML 35Page - Texas Instruments TMS28F033 Datasheet HTML 36Page - Texas Instruments TMS28F033 Datasheet HTML 37Page - Texas Instruments TMS28F033 Datasheet HTML 38Page - Texas Instruments TMS28F033 Datasheet HTML 39Page - Texas Instruments TMS28F033 Datasheet HTML 40Page - Texas Instruments TMS28F033 Datasheet HTML 41Page - Texas Instruments TMS28F033 Datasheet HTML 42Page - Texas Instruments TMS28F033 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
18
17
16
15
14
13
12
11
10
D6
D7
9
8
7
6
5
4
3
2
1
CLK
A–1–A16
(Word-Wide)
E
WR
WE
LBA
D4
D2
D3
D1
D0
OE
BAA
QV
DQ0–DQ7 and
DQ24–DQ31
(Word-Wide)
RY/BY
VDDI/VDDE
RP
D5
A0
BASIC/ENHANCED
PIN SET
DCR0
OE
MODE
DCR1
WE
MODE
DCR2
DIS/WORD
DCR3
LRV/BAA
DCR4
BURST
LENGTH
DCR25,24
BURST
LATENCY (X)
DCR29,28
BURST
LATENCY (Y)
DCR30
x16 WRITE
OPTION
DCR31
Basic pin set (DCR0 = 0)
0
X
1
(see Note D)
1
(see Note E)
01
(see Note F)
11
(see Note G)
0
(see Note G)
X
Enhanced pin set (DCR0 = 1)
0
X
1
(see Note D)
1
(see Note E)
01
(see Note F)
11
(see Note G)
0
(see Note G)
X
NOTES: A. X is a don’t care.
B. See Table 8 through Table 12 for DCR setting descriptions.
C. Linear burst with the enhanced pin set requires LBO = VIL.
D. 5–1– . . . –1 is available only with the 16-bit data bus, which requires DCR3 = 1 and WORD=VIL.
E. For synchronous OE (DCR1 = 0), BAA is not required to burst if required to burst if OE is used to control the burst (DCR[29:28] = 00).
F. 5–1– . . . –1 is available with MOD4, MOD8, MOD16, and MOD32.
G. Linear MOD8 burst is available with 3–1– . . . –1, 4–1– . . . –1, 5–1– . . . –1, and 4–2– ...–2.
Figure 16. 5–1–...–1 MOD8 Linear Burst With Device Configuration Register Settings
ADVANCE INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com