Electronic Components Datasheet Search
  English  ▼

X  

TMS28F033 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS28F033
Description  4194304-BIT SYNCHRONOUS FLASH MEMORY
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F033 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS28F033 Datasheet HTML 9Page - Texas Instruments TMS28F033 Datasheet HTML 10Page - Texas Instruments TMS28F033 Datasheet HTML 11Page - Texas Instruments TMS28F033 Datasheet HTML 12Page - Texas Instruments TMS28F033 Datasheet HTML 13Page - Texas Instruments TMS28F033 Datasheet HTML 14Page - Texas Instruments TMS28F033 Datasheet HTML 15Page - Texas Instruments TMS28F033 Datasheet HTML 16Page - Texas Instruments TMS28F033 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
TMS28F033
4194304-BIT
SYNCHRONOUS FLASH MEMORY
SMJS833 – NOVEMBER 1997
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
device configuration defaults (continued)
Table 8. Device Configuration Register Bit Definitions and Functions (Continued)
DCR BIT
FUNCTION
DATA
COMMENTS
DCR8 – DCR23
Reserved for Texas
Instruments (TI
™) and
should not be used
0000h
DCR25, DCR24
Burst length
00 = MOD4 (default)
01 = MOD8
10 = MOD16
11 = MOD32
(see Note 6)
There are four available burst length settings. The
MOD4
burst
is
a
modulo
burst
of
four
words/double-words for x16/x32, respectively. The
other available burst lengths are MOD8, MOD16, and
MOD32 (see Table 12).
DCR27, DCR26
Reserved for TI and
should not be used
00 – (default)
(see Note 6)
DCR29, DCR28
Burst latency (X)
00 = OE-controlled (default if in
x32 mode and when OE is
synchronous)
01 = 3 cycles
10 = 4 cycles (default if in x16
mode or when OE is
asynchronous)
11 = 5 cycles
(see Note 6)
The four X latency possibilities are OE-controlled
burst, and 3, 4, or 5 clock cycles for BAA-controlled
burst. X latency denotes the number of clock cycles
required to access the first word from memory (see
Table 10 and Table 11).
DCR30
Burst latency (Y)
0 = 1 cycle (default)
1 = 2 cycles
(see Note 6)
The two Y latency possibilities are one clock cycle and
two clock cycles. Y latency denotes the number of
clock cycles required to access the subsequent words
to complete the cache fill (see Table 10 and Table 11).
DCR31
One- or two-word write
option for x16 mode
0 = Program one word
(two
-cycle write) (default)
1 = Program two words
(three-cycle write)
(see Note 6)
Applicable for x16 mode only. When DCR31 = 0, only
one word (16 bits) is programmed in two cycles for
each program command received by the CSM. When
DCR31 = 1, two words (32 bits) are programmed in
three cycles for each program command received by
the CSM (see Table 5).
NOTES:
5. The default setting for these bits is set at the factory prior to shipping.
6. These bits return to the default setting after a power-on reset is performed; therefore, it is necessary to program these bits to the
desired configuration.
control pin functions
The DCR0 bit is the control pin configuration bit that selects between the basic or enhanced pin set (see Table 8
and Table 9). With the enhanced pin set (DCR0 = 1), five additional pins are available: chip enable (E), data valid
(QV), ready/busy (RY/BY), 3.3-V/5-V IO voltage select (3/5IO), and linear burst order (LBO). With the basic pin
set (DCR0 = 0), neither QV nor RY/BY are available, both E and LBO are effectively tied low (VIL), and 3/5IO
is effectively tied high (VIH). The DCR1 and DCR2 bits determine the synchronous or asynchronous operation
of output enable (OE) and write enable (WE), respectively. DCR3 determines the function of pin 78 as either
output disable (DIS) or word enable (WORD) (see the Terminal Functions table). When DCR3 = 0 (for DIS
usage) the device is forced into using the 32-bit data bus (see Figure 21). When DCR3 = 1, both the 16-bit and
32-bit data buses are available. The DCR4 bit determines the function of pin 79 as either low-regulator-voltage
detection (LRV) or burst-address advance (BAA).
TI is a trademark of Texas Instruments Incorporated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com