Electronic Components Datasheet Search
  English  ▼

X  

FXLS93421 Datasheet(PDF) 156 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 156 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 152Page - NXP Semiconductors FXLS93421 Datasheet HTML 153Page - NXP Semiconductors FXLS93421 Datasheet HTML 154Page - NXP Semiconductors FXLS93421 Datasheet HTML 155Page - NXP Semiconductors FXLS93421 Datasheet HTML 156Page - NXP Semiconductors FXLS93421 Datasheet HTML 157Page - NXP Semiconductors FXLS93421 Datasheet HTML 158Page - NXP Semiconductors FXLS93421 Datasheet HTML 159Page - NXP Semiconductors FXLS93421 Datasheet HTML 160Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Encoded data (4 Bits)
Symbol transmitted
Binary
HEX
1st Chip
2nd Chip
3rd Chip
1111
F
1
2
1
Where:
0 = iq
1 = iRESP
2 = 2 x iRESP
Table 227. Symbol mapping...continued
12.3.2.2 Response message format
The command and response mode response format is shown in Table 228.
Physical address
Command
Register + 1 data
Register data
CRC
PA[3:0]
CMD[3:0]
RD1[7:0]
RD[7:0]
CRC[7:0]
Table 228. Command and response mode - response format
Field
Length (Bits)
Definition
PA[3:0]
4
Physical Address
Matches the value in the PADDR[3:0] of the PHYSADDR register
CMD[3:0]
4
An echo of the received command
ED[7:0]
8
The data contained in the register addressed by RA[7:1] + 1 (High Byte, see
Section 12.3.4)
RD[7:0]
8
The data contained in the register addressed by RA[7:1] + 0 (Low Byte, see
Section 12.3.4)
CRC[7:0]
8
Error Checking (see Section 12.3.2.3)
Table 229. Command and response mode - field definitions
12.3.2.3 Error checking
The device calculates a CRC on the entire 32-bits of each response. Message data is
entered into the CRC calculator MSB first, consistent with the transmission order of the
message.
The CRC Encoding procedure is:
1. A seed value is preset into the least significant bits of the shift register.
2. Using a serial CRC calculation method, the transmitter rotates the transmitted
message into the least significant bits of the shift register, MSB first.
3. Following the transmitted message, the transmitter feeds eight zeros into the shift
register, to match the length of the CRC.
4. When the last zero is fed into the input adder, the shift register contains the CRC.
5. The CRC is transmitted.
The CRC polynomial and seed for Command and Response Mode are shown in
Table 230.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
156 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com