| Electronic Components Datasheet Search |
|
FXLS93421 Datasheet(PDF) 157 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FXLS93421 Datasheet(HTML) 157 Page - NXP Semiconductors |
|
157 / 254 page ![]() NXP Semiconductors FXLS9xxxx Dual channel inertial sensor Mode Default polynomial Non-direct seed Command and Response Mode x8 + x5 + x3 + x2 + x + 1 1111 1111 Table 230. Command and response mode response CRC Some example CRC calculations are shown in Table 225. 12.3.3 DSI3 command and response mode timing A timing diagram for command and response mode is shown in Figure 73. Timing parameters are specified in Section 10.11. aaa-030657 BUS_I tPOR_DSI HYST VBUS_I_UV_F + V tCMD_BitTime Iq + 2 x IRESP Iq + IRESP Iq 32nd bit 1st bit CMD_Start response current tACT_RESP tSTART_CRM 1st symbol 8th symbol tCHIP_CRM tPER_CRM tSLEW1_RESP tSLEW2_RESP Figure 73. Command and response mode timing diagram 12.3.4 DSI3 command and response mode command summary Command Data C3 C2 C1 C0 Hex Description D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 0 0 0 0 $0 Register Read RA[7] RA[6] RA[5] RA[4] RA[3] RA[2] RA[1] x x x x x x x x x 0 0 0 1 $1 Reserved x x x x x x x x x x x x x x x x 0 0 1 0 $2 Reserved x x x x x x x x x x x x x x x x 0 0 1 1 $3 Reserved x x x x x x x x x x x x x x x x 0 1 0 0 $4 Reserved x x x x x x x x x x x x x x x x 0 1 0 1 $5 Reserved x x x x x x x x x x x x x x x x 0 1 1 0 $6 Reserved x x x x x x x x x x x x x x x x 0 1 1 1 $7 Reserved x x x x x x x x x x x x x x x x 1 0 0 0 $8 Register Write RA[7] RA[6] RA[5] RA[4] RA[3] RA[2] RA[1] RA[0] RD[7] RD[6] RD[5] RD[4] RD[3] RD[2] RD[1] RD[0] 1 0 0 1 $9 Reserved x x x x x x x x x x x x x x x x 1 0 1 0 $A Reserved x x x x x x x x x x x x x x x x 1 0 1 1 $B Enter PDCM x x x x x x x x x x x x x x x x 1 1 0 0 $C Reserved x x x x x x x x x x x x x x x x 1 1 0 1 $D Reserved x x x x x x x x x x x x x x x x 1 1 1 0 $E Reserved x x x x x x x x x x x x x x x x 1 1 1 1 $F Reserved x x x x x x x x x x x x x x x x Table 231. DSI3 command and response mode command summary 12.3.4.1 Register read command The device supports the Register Read command as a device address specific command only. If the PA[3:0] field in the command matches the value in the PADDR[3:0] bits of FXLS9xxxx All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 6 — 8 February 2021 157 / 254 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |