Electronic Components Datasheet Search
  English  ▼

X  

FXLS93421 Datasheet(PDF) 158 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 158 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 154Page - NXP Semiconductors FXLS93421 Datasheet HTML 155Page - NXP Semiconductors FXLS93421 Datasheet HTML 156Page - NXP Semiconductors FXLS93421 Datasheet HTML 157Page - NXP Semiconductors FXLS93421 Datasheet HTML 158Page - NXP Semiconductors FXLS93421 Datasheet HTML 159Page - NXP Semiconductors FXLS93421 Datasheet HTML 160Page - NXP Semiconductors FXLS93421 Datasheet HTML 161Page - NXP Semiconductors FXLS93421 Datasheet HTML 162Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
the PHYSADDR register and a valid CRC is calculated, the device responds to the
command.
The device ignores the Register Read command if the command is sent to any other
physical address, including the DSI Global Device Address of '0000'.
The Register Read command uses the byte address definitions shown in Section 11.1.
The Register Read response includes the register contents at the time the Register Read
command decode is complete. Readable registers along with their byte addresses are
shown in Section 11.1. If an attempt is made to read a register that is not readable, the
device will respond with all zero data.
Address
Command
Data
PA3 PA2 PA1 PA0
C3
C2
C1
C0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
CRC
PA[3] PA[2] PA[1] PA[0]
0
0
0
0
RA[7] RA[6] RA[5] RA[4] RA[3] RA[2] RA[1]
x
0
0
0
0
0
0
0
0
8 bits
Table 232. Register read command format
Bit field
Definition
PA[3:0]
DSI physical address. This field contains the physical address. This field must match the PADDR[3:0] bits
in the PHYSADDR register. Otherwise, the command is ignored.
C[3:0]
Register Read Command = '0000'
RA[7:1]
RA[7:1] contains the upper 7 bits of the byte address for the register to be read.
Table 233. Register read command format description
Address
Command
Data
PA3 PA2 PA1 PA0
C3
C2
C1
C0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
CRC
PA[3] PA[2] PA[1] PA[0]
0
0
0
0
RD[15] RD[14] RD[13] RD[12] RD[11] RD[10] RD[9] RD[8] RD[7] RD[6] RD[5] RD[4] RD[3] RD[2] RD[1] RD[0] 8 bits
Table 234. Register read command: response format
Bit field
Definition
PA[3:0]
DSI physical address. This field contains the PADDR[3:0] bits in the PHYSADDR register.
C[3:0]
Register Read Command = '0000'
RD[15:8]
The data contained in the register addressed by RA[7:1] + 1 (High Byte)
RD[7:0]
The data contained in the register addressed by RA[7:1] + 0 (Low Byte)
Table 235. Register read command: response format description
A register read command to a register address outside the addresses listed in
Section 11.1 will result in a valid response. The data for the registers will be '0x0000'.
12.3.4.2 Register write command
The device supports the Register Write command as a device address specific
command. If the PA[3:0] field in the command matches the value in the PADDR[3:0] bits
of the PHYSADDR register, the device will execute the register write and respond to the
command.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
158 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com