Electronic Components Datasheet Search
  English  ▼

X  

FXLS93421 Datasheet(PDF) 193 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 193 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 189Page - NXP Semiconductors FXLS93421 Datasheet HTML 190Page - NXP Semiconductors FXLS93421 Datasheet HTML 191Page - NXP Semiconductors FXLS93421 Datasheet HTML 192Page - NXP Semiconductors FXLS93421 Datasheet HTML 193Page - NXP Semiconductors FXLS93421 Datasheet HTML 194Page - NXP Semiconductors FXLS93421 Datasheet HTML 195Page - NXP Semiconductors FXLS93421 Datasheet HTML 196Page - NXP Semiconductors FXLS93421 Datasheet HTML 197Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Error condition
Error code Error response
Supply Error
NA
Temporary (Normal transmissions continue once condition is removed)
Communication Error
Temporary (Normal transmissions continue once condition is removed)
Test Mode Enabled
Temporary (Normal transmissions continue once condition is removed)
Offset Error
Temporary (Normal transmissions continue once condition is removed)[1]
Temperature Error
Temporary (Normal transmissions continue once condition is removed)
Memory Error
0x1F4
Latched until reset
Self-test Error
0x1EA
Latched until reset[2]
Device Not Locked
NA
NA
Table 284. Standard error reporting
[1]
An offset error on either channel results in an offset error response from both channels.
[2]
A self-test error on either channel results in a self-test error response from both channels.
13.9.4.2 PSI5 error extension option
If the PSI5 error extension option is enabled, additional error reporting is available as
shown in Table 285.
Error condition
Error code Error response
Supply Error
NA
Temporary (Normal transmissions continue once condition is removed)
Communication Error
0x1EF
Temporary (Normal transmissions continue once condition is removed)
Test Mode Enabled
0x1EE
Temporary (Normal transmissions continue once condition is removed)
Offset Error
0x1ED
Temporary (Normal transmissions continue once condition is removed)[1]
Temperature Error
0x1EC
Temporary (Normal transmissions continue once condition is removed)
Memory Error
0x1EB
Latched until reset
Self-test Error
0x1EA
Latched until reset[2]
Device Not Locked
NA
NA
Table 285. PSI5 error extension option
[1]
An offset error on either channel results in an offset error response from both channels.
[2]
A self-test error on either channel results in a self-test error response from both channels.
13.9.5 Normal mode error handling with internal error latching
Section 13.9.5.1 and Section 13.9.5.2 summarize the error reporting if the
PSI5_ERRLATCH bit is set. Internal errors are latched until reset.
13.9.5.1 Standard error reporting
Table 286 summarizes the error reporting in normal mode if the PSI5 Error Extension
option is disabled.
Error condition
Error code Error response
Supply Error
NA
Temporary (Normal transmissions continue once condition is removed)
Communication Error
0x1F4
Temporary (Normal transmissions continue once condition is removed)
Table 286. Standard error reporting
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
193 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com