| Electronic Components Datasheet Search |
|
FXLS93421 Datasheet(PDF) 197 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FXLS93421 Datasheet(HTML) 197 Page - NXP Semiconductors |
|
197 / 254 page ![]() NXP Semiconductors FXLS9xxxx Dual channel inertial sensor 13.10.2.4 Long frame command and response format Long frames allow for the transmission of data nibbles for register writes. The device can provide register data in response to a read or write request. the long frame format is shown in Table 295. The device does not support the long frame command. Start Bits Sensor Address Function Code Register Address Data CRC S2 S1 S0 Sy SA0 SA1 SA2 Sy FC0 FC1 FC2 Sy RA0 RA1 RA2 Sy RA3 RA4 RA5 Sy D0 D1 D2 Sy D3 C2 C1 Sy C0 0 1 0 1 1 0 0 1 0 1 0 1 0 0 0 1 0 0 0 1 1 1 1 1 1 0 0 1 0 Table 295. Programming mode via PSI5 long command Response RC RD1 RD0 $1E2 $3FF $3FF Table 296. Response format 13.10.2.5 Extra long frame command and response format Extra long frames allow for the transmission of address and data bytes for register reads and writes. The device can provide register data in response to a read or write request. The extra long frame format is shown in Table 297. Extra long frame commands and responses are defined in Section 13.10.3. The device supports register read and register write extra long commands. Start Bits Sensor Address Function Code Register Address Data CRC S2 S1 S0 Sy SA0 SA1 SA2 Sy FC0 FC1 FC2 Sy RA0 RA1 RA2 Sy RA3 RA4 RA5 Sy RA6 RA7 D0 Sy D1 D2 D3 Sy D4 D5 D6 Sy D7 C2 C1 Sy C0 0 1 0 1 1 0 0 1 0 1 0 1 0 0 0 1 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 1 0 Table 297. Programming mode via PSI5 long command Response RC RD1 RD0 $1E2 $3FF $3FF Table 298. Response format 13.10.2.6 Command message CRC Programming mode command error checking is accomplished by a 3-bit CRC. The 3- bit CRC is calculated using all message bits except start bits and sync bits. The CRC verification uses a generator polynomial of g(x) = X3+X+1, with a non-direct seed value = '111'. The message data is provided to the CRC calculator in the order received (LSB first, SAdr, FC, RAdr, Data), and then augmented with '000'. Table 263 shows some example CRC calculation values for 10-bit data transmissions. The calculated CRC is then compared against the received 3-bit CRC (received MSB first). If a CRC mismatch is detected, the device responds with a CRC Error response as defined in Section 13.10.4. 13.10.2.7 Command sync pulse blanking time In programming mode and programming mode entry, the device employs a fixed sync pulse blanking time of tSYNC_OFF_250 regardless of the state of the PDCM_CMD_B register value. FXLS9xxxx All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 6 — 8 February 2021 197 / 254 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |