Electronic Components Datasheet Search
  English  ▼

X  

CD1865 Datasheet(PDF) 69 Page - Intel Corporation

Part # CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Datasheet(HTML) 69 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 65Page - Intel Corporation CD1865 Datasheet HTML 66Page - Intel Corporation CD1865 Datasheet HTML 67Page - Intel Corporation CD1865 Datasheet HTML 68Page - Intel Corporation CD1865 Datasheet HTML 69Page - Intel Corporation CD1865 Datasheet HTML 70Page - Intel Corporation CD1865 Datasheet HTML 71Page - Intel Corporation CD1865 Datasheet HTML 72Page - Intel Corporation CD1865 Datasheet HTML 73Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 150 page
background image
Intelligent Eight-Channel Communications Controller — CD1865
Datasheet
69
For details on transmitter flow-control operation, refer to the Section 7.3 on page 72.
7.2.2
FIFO Operation
An 8-byte FIFO is provided for each transmit channel. In addition to the 8-byte FIFO, the CD1865
also contains a Transmit Holding register and the Transmit Shift register for each channel.
However, when servicing a Transmit Service Request, only up to eight characters can be written
into the Transmit Data register (TDR) consecutively.
7.2.3
Transmit Service Requests
Generating a Transmit Service Request depends on control bits in the Enable register (). Setting the
TxRdy bit of the specifies that a Transmit Service Request be generated when the FIFO is empty.
When this condition occurs, there is still one character in the Transmit Holding register and another
character in the Transmit Shift register. The host CPU, therefore, has up to two-character times to
respond before the transmitter output goes into the idle (Mark) condition.
Setting the TxMpty bit instead of the TxRdy bit of the specifies that a Transmit Service Request be
generated only when the FIFO, the Transmit Holding register, and the Transmit Shift register are
empty. When this condition occurs, it means that all characters are completely transmitted and the
channel can now be re-configured. It is recommended that one of the two bits be set as needed, but
do not set both bits at the same time.
End of a service request must be signalled to the CD1865 by writing to the End Of register ().
Figure 24. Transmitter Operation
FULL /
EMPTY
BIT
TRANSMITTER HOLDING REGISTER
TRANMSITTER SHIFT REGISTER
TRANSMITTER
FIFO
BACKGROUND CODE:
FIFO-TO-H.R. TRANSFER, FLOW
CONTROL, OTHER FEATURES
FOREGROUND CODE:
BIT DISASSEMBLY,
H.R.-TO-S.R. TRANSFER
(POLLING LOOP)
(INTERRUPT-DRIVEN)
RTS
OUT
CTS
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com