Electronic Components Datasheet Search
  English  ▼

X  

CD1865 Datasheet(PDF) 47 Page - Intel Corporation

Part # CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Datasheet(HTML) 47 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 43Page - Intel Corporation CD1865 Datasheet HTML 44Page - Intel Corporation CD1865 Datasheet HTML 45Page - Intel Corporation CD1865 Datasheet HTML 46Page - Intel Corporation CD1865 Datasheet HTML 47Page - Intel Corporation CD1865 Datasheet HTML 48Page - Intel Corporation CD1865 Datasheet HTML 49Page - Intel Corporation CD1865 Datasheet HTML 50Page - Intel Corporation CD1865 Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 150 page
background image
Intelligent Eight-Channel Communications Controller — CD1865
Datasheet
47
6.1
System Interface Considerations
When using the CD1865, two areas where system architects, designers, and programmers should
consider options are system clock speed, and unclocked versus clocked-host bus interface.
6.2
System Clock and Bit Rate Options
6.2.1
System Clock
System clock is a high-frequency clock (supplied by the user) used by the CD1865 to receive all
the necessary timing. The CD1865 is capable of handling system clock levels of TTL-compatible
voltage swings; however, the VIL and VIH specifications are not identical to all families of TTL
logic. Specifically, the clock signal (and the reset signal) have lower VIL and higher VIH than the
worst-case specifications of some TTL families. In general, any TTL family is adequate if not
heavily loaded. Refer to the DC Specifications in Section 10.3 for details.
××××××The CD1865 can be operated from the main system clock or its own clock. Operation from
the main system clock can reduce the number of clocks required, and it allows the bus interface
between the system and the CD1865 to be clocked, but in general, typical system clock speeds are
not exact baud-rate multiples. As bit rates are received from the clock, it is important to consider
this when selecting a clock value. If exact baud rates are needed, or the system clock is not a
convenient value, the CD1865 must be supplied with its own clock or crystal.
6.2.2
External Clock
It is recommended that the 2
×-clock option (oscillator or crystal) be used wherever possible. Figure
15 shows a possible design configuration for the clock circuitry if the crystal is being used. Please
refer to the CD1865 Evaluation Kit documentation for details on the design configurations used.
The crystal used for the evaluation board is a 66-MHz third overtone part.
Figure 15. 2
× Clock Option
OSC 2
OSC 1
200K–500K
33 pF
33 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com