Electronic Components Datasheet Search
  English  ▼

X  

CD1865 Datasheet(PDF) 84 Page - Intel Corporation

Part # CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Datasheet(HTML) 84 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 80Page - Intel Corporation CD1865 Datasheet HTML 81Page - Intel Corporation CD1865 Datasheet HTML 82Page - Intel Corporation CD1865 Datasheet HTML 83Page - Intel Corporation CD1865 Datasheet HTML 84Page - Intel Corporation CD1865 Datasheet HTML 85Page - Intel Corporation CD1865 Datasheet HTML 86Page - Intel Corporation CD1865 Datasheet HTML 87Page - Intel Corporation CD1865 Datasheet HTML 88Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 150 page
background image
CD1865 — Intelligent Eight-Channel Communications Controller
84
Datasheet
Off-Limit Registers
The CD1865 communicates to the host by shared access to its on-device RAM. Of the 128-byte
locations in the CD1865 address range, only 41 locations are defined as registers available to the
host. The rest are used by the CD1865 for internal variable storage. Users should not access these
registers since it can cause the CD1865 to malfunction.
8.2
Access Duty Cycle
The host access to the CD1865 appears to be a simple static read or write cycle, but the actual
access occurs by arbitrating for the local (on-device) bus and ‘stealing’ one-bus cycle. This is
completely hidden from the user in normal circumstances, and successive accesses to the CD1865
may be done ‘back-to-back’ with no delay. However, if the host were to repetitively read from (or
write to) the CD1865 as fast as possible over many cycles, enough CD1865 internal bus cycles
would be ‘stolen’ that the CD1865 processor might not be able to keep pace with its processing.
This situation could only occur if the host was continuously testing a bit while waiting for it to
change state. If there is a requirement to do something similar, insert a delay in the host code so that
the net-duty cycle of accesses is less than ten percent. This limitation applies only when the
CD1865 is sending and receiving data on one or more channels. When initializing or re-
configuring a channel, these registers can be written to at a fast pace.
8.3
Accessing FIFOs Versus Other Registers
The FIFO storage array is under the control of the CD1865 at all times. This is necessary to ensure
that the FIFO is available for the CD1865 processor to access whenever needed. During normal
operation, the CD1865 processor sets the FIFO pointers to the value required to transfer data,
regardless of the value placed in the Channel Access register (CAR) by the user. Therefore, the
user cannot access the FIFOs in this manner.
FIFOs can only be accessed in the context of an active Service Request. At this time only the
CD1865 processor causes the FIFO pointers to be set to the appropriate value for the channel being
serviced. FIFOs are then accessed by the Indirect Indexed registers.
8.4
Initialization
The CD1865 initialization begins with a mandatory hardware reset applied through the active-low
RESET* Input. The system Clock (CLK) Input must be active during the hardware reset, and the
reset duration must be at least five clock periods. It is not necessary to synchronize RESET* Input
with CLK. Refer to Figure 28.
Immediately following the hardware reset, the CD1865 goes through a firmware initialization,
reaching an Idle mode within 500
µs. This can be verified by the host by reading the Global
Service Vector register and finding its contents to be FF Hex. Upon internal reset completion, the
user can then configure the CD1865 for the required channel functions.
A software reset can be performed by setting certain bits in the Channel Command register (CCR).
Setting bits 7 and 0 to a ‘1’ resets all channels. This is done by forcing the CD1865 processor to
jump to the same power-up sequence that it uses upon hardware reset. Whether the reset is caused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com