Electronic Components Datasheet Search
  English  ▼

X  

CD1865 Datasheet(PDF) 77 Page - Intel Corporation

Part # CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Datasheet(HTML) 77 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 73Page - Intel Corporation CD1865 Datasheet HTML 74Page - Intel Corporation CD1865 Datasheet HTML 75Page - Intel Corporation CD1865 Datasheet HTML 76Page - Intel Corporation CD1865 Datasheet HTML 77Page - Intel Corporation CD1865 Datasheet HTML 78Page - Intel Corporation CD1865 Datasheet HTML 79Page - Intel Corporation CD1865 Datasheet HTML 80Page - Intel Corporation CD1865 Datasheet HTML 81Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 150 page
background image
Intelligent Eight-Channel Communications Controller — CD1865
Datasheet
77
received is a flow-control character and set its internal flag to stop transmission. Transmission
actually stops as soon as the characters in the Transmit Shift register and Transmit Holding register
are shifted out.
To enable In-Band Flow Control, two bits must be set. First, the Special Character Detection
(SCDE) must be enabled by bit 4 of Channel Option register 3 (COR3). This causes all error-free
received data to be compared for a match with the Special Character registers (SCHR1–4). Second,
flow control is enabled by Transmit In-Band Enable (TxIBE, bit 6) of COR2, the special characters
are interpreted as flow-control characters.
Different flow-control protocols use either single- or two-character sequences for the Xon and Xoff
functions. For single-character flow-control sequences SCHR1 is used as Xon, SCHR2 as Xoff,
and SCHR3-4 as normal special detect characters. If two-character sequences are enabled, by
XoffCH and XonCH (bits 6 and 7) of COR3, SCHR1 and SCHR3 form the Xon sequence and
SCHR2 and SCHR4 form the Xoff sequence.
Many operating systems allow users to define their own terminal’s flow-control settings
independently. The CD1865 allows flow-control characters to be programmed on a per-channel
basis.
The FCT bit controls whether flow-control characters are passed on to the host. When the CD1865
receives a flow-control character or character sequence and FCT is a ‘0’, it starts or stops the
transmitter as required, and passes the character on to the host as a Receive Exception Service
Request. Since there is a one-to-one correspondence between the Status FIFO and the Receive Data
FIFO, the flow-control character detected is stored in the Receive Data FIFO, and a status byte,
indicating special character detect, is stored in the Status FIFO.
If the FCT bit is a ‘1’, the CD1865 still starts or stops the transmitter as required, but the character
is discarded, and no exception is posted. In either case, the flow-control status of the transmitter (on
or off) is maintained by the CD1865 in the Channel Control Status register (CCSR).
If flow-control characters are passed to the host, they are marked as special characters 1 or 2 in the
Receive Channel Status register (RCSR). If a two-character sequence is detected, it is compressed
to the second character and a status indicating a match of the first character is set. A valid two-
character sequence requires that both characters be received without error. If an error occurs on the
second character, the first character is treated as a normal character, and the second character is
reported as an error by a Receive Exception Service Request.
Bits affecting flow control are summarized in the table below:
Bit Name
Register
Function
SCDE
COR3
Enables Special Character Recognition.
TxIBE
COR2
Enables Automatic-transmitter Flow Control.
FCT
COR3
Sets Transparency mode of flow control.
IXM
COR2
Sets implied Xon mode
XonCH
XoffCH
Xon
Xoff
0
0
SCHR1
SCHR2
0
1
SCHR1
(SCHR2 and SCHR4)
1
0
(SCHR1 and SCHR3)
SCHR2
1
1
(SCHR1 and SCHR3)
(SCHR2 and SCHR4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com