Electronic Components Datasheet Search
  English  ▼

X  

CD1865 Datasheet(PDF) 53 Page - Intel Corporation

Part # CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Datasheet(HTML) 53 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 49Page - Intel Corporation CD1865 Datasheet HTML 50Page - Intel Corporation CD1865 Datasheet HTML 51Page - Intel Corporation CD1865 Datasheet HTML 52Page - Intel Corporation CD1865 Datasheet HTML 53Page - Intel Corporation CD1865 Datasheet HTML 54Page - Intel Corporation CD1865 Datasheet HTML 55Page - Intel Corporation CD1865 Datasheet HTML 56Page - Intel Corporation CD1865 Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 150 page
background image
Intelligent Eight-Channel Communications Controller — CD1865
Datasheet
53
A bus cycle consists of two half-clock periods. During the clock-low period, the transaction is set
up internally, and the local bus arbitration occurs. During the clock-high period, the read or write
transaction to RAM occurs. On write cycles, the data from the host is latched internally on the low-
to-high clock transition. On read cycles, the data is available shortly after the end of the clock-high
period.
Read and write cycles differ slightly in timing; during a write, it is permissible to remove the WR*
or DS* relatively early during the high-clock period, however, this cannot be done during read
cycles. The RD* or DS* Strobe is used as an output enable, and must remain low for the data to
appear on the external data bus.
Service request acknowledgment cycles follow a different timing than ordinary read cycles. First, it
is necessary to have the address stable before asserting ACKIN*. Second, the setup time from
ACKIN* and DS* (or RD*) going low to the falling clock edge is longer due to additional internal
logic involved in service request acknowledge cycles.
Figure 17. Typical Unclocked Bus Interface
A[0:6]
R/W*
CS*, DS*
DB[0:7]
DTACK*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com