Electronic Components Datasheet Search
  English  ▼

X  

CD1865 Datasheet(PDF) 43 Page - Intel Corporation

Part # CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Datasheet(HTML) 43 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 39Page - Intel Corporation CD1865 Datasheet HTML 40Page - Intel Corporation CD1865 Datasheet HTML 41Page - Intel Corporation CD1865 Datasheet HTML 42Page - Intel Corporation CD1865 Datasheet HTML 43Page - Intel Corporation CD1865 Datasheet HTML 44Page - Intel Corporation CD1865 Datasheet HTML 45Page - Intel Corporation CD1865 Datasheet HTML 46Page - Intel Corporation CD1865 Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 150 page
background image
Intelligent Eight-Channel Communications Controller — CD1865
Datasheet
43
5.5.6
Cascading Service Requests with Multiple CD1865s
Regardless of the method used to support service requests, multiple CD1865s can be cascaded by
tying together all * lines, all * lines, and * lines. These lines are open-drain so they may be wire-
OR’ed. The CD1865s are then daisy chained by simply connecting the ACKOUT* of one device to
the ACKIN* of the next.
The host knows which CD1865 is requesting service by the ID value returned through the Global
Interrupt Vector register. Up to 32 CD1865s can be cascaded in any one daisy chain in this manner.
Since multiple daisy chains are possible, the maximum number of CD1865s can be large. The 32-
per-daisy-chain limit is set by the five bits in the GVR. These bits can be used to identify which
CD1865 responded to the service request acknowledge cycle. The user must program different
values into the upper-five bits of each CD1865s GVR.
Figure 13. Interrupt Code Sequence
INTERRUPT OCCURS
READ REQUESTING CHANNEL NUMBER
READ NUMBER OF BYTES FROM RDCR
SET UP HOST’S BUFFER POINTERS
SET LOOP COUNTER = RDCR
READ RDR
WRITE DATA TO POINTER LOCATION
INCREMENT POINTER
DECREMENT LOOP COUNTER
IF
LOOP COUNTER = 0
SAVE POINTER
EXIT ISR
ENTRY POINT FOR
GOOD DATA INTERRUPT
SERVICE ROUTINE
N
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com