Electronic Components Datasheet Search
  English  ▼

X  

CD1865 Datasheet(PDF) 86 Page - Intel Corporation

Part # CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Datasheet(HTML) 86 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 82Page - Intel Corporation CD1865 Datasheet HTML 83Page - Intel Corporation CD1865 Datasheet HTML 84Page - Intel Corporation CD1865 Datasheet HTML 85Page - Intel Corporation CD1865 Datasheet HTML 86Page - Intel Corporation CD1865 Datasheet HTML 87Page - Intel Corporation CD1865 Datasheet HTML 88Page - Intel Corporation CD1865 Datasheet HTML 89Page - Intel Corporation CD1865 Datasheet HTML 90Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 150 page
background image
CD1865 — Intelligent Eight-Channel Communications Controller
86
Datasheet
8.5
Global Register Initialization
The user must initialize the CD1865 by programming the following Global registers before starting
normal operations on the ports — Prescaler Period registers, the Global Interrupt Vector register,
and the three Service Match registers ().
8.6
Service Request Initialization
To prepare the CD1865 for service requests the following registers must be initialized:
• Global register (GVR)
• three Service Match registers ()
• Global Channel registers (GCR)
The Global Vector register consists of five bits of user-supplied information, and three bits of
CD1865–supplied service request group information. This concatenated vector supplied by the
CD1865 during a service-request-acknowledgment cycle directs the host to the proper service
request subroutine. The host writes the five MSBs into the GVR during initialization. These five
bits can be either a device ID number or an appropriate code for handling service request. In
multiple-cascaded CD1865 applications, these five bits must have a unique value for each CD1865
to identify which CD1865 is responding to a service request cycle.
Three registers in the Global register set — Modem Service Match register (), Transmit Service
Match register (), and Receive Service Match register () store the service request values for the
three types of service requests. These levels are used to match with the value that appears on the
address bus during a service-request-acknowledgment cycle. Since these levels are system
dependent, the user must initialize these registers with the proper values.
The following three registers provide the channel number of the channel requesting service —
GCR1, GCR2, and GCR3. Reading any of these registers causes the CD1865 to ‘mask-in’ three
bits specifying the channel number of the currently active channel. Normally these registers are
read by the host when it is handling a service request. In this case, the three bits are the number of
the channel requesting service. If any of the three GCR registers are read when the CD1865 is not
in a service request context, the three bits are the current value in the CAR.
Bits 4:2 are masked into the contents of these registers by the CD1865 when it is read by the host.
The actual contents of the register are not modified.
These three registers are provided as a convenience to the user. In most applications the user only
uses one of these locations and sets the register to an arbitrary value. However, in some cases it
may be useful to be able to record information about the state of the CD1865 (or the software
driving it) that is associated with each of the three service request types. In this case, the user may
store required information in the unused bits. When entering a service routine, the software can
check these bits (a ‘sub-vector’) to read recorded states.
8.7
Prescaler
The Prescaler Period register (PPR) determines the fundamental ‘tick’ rate for all CD1865 on-
device timers, the Receiver Data Time-out and Transmitter Real-time Delay Timers. The PPR
counts Clock (CLK) periods, and the minimum PPR value used must guarantee a ‘tick’ length of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com