Electronic Components Datasheet Search
  English  ▼

X  

CD1865 Datasheet(PDF) 48 Page - Intel Corporation

Part # CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Datasheet(HTML) 48 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 44Page - Intel Corporation CD1865 Datasheet HTML 45Page - Intel Corporation CD1865 Datasheet HTML 46Page - Intel Corporation CD1865 Datasheet HTML 47Page - Intel Corporation CD1865 Datasheet HTML 48Page - Intel Corporation CD1865 Datasheet HTML 49Page - Intel Corporation CD1865 Datasheet HTML 50Page - Intel Corporation CD1865 Datasheet HTML 51Page - Intel Corporation CD1865 Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 150 page
background image
CD1865 — Intelligent Eight-Channel Communications Controller
48
Datasheet
6.2.3
1
× Clock Option
It is recommended that a 2
×-clock option be used where ever possible. If using a 1×-clock options,
refer to Table 10 on page 129 for clock duty cycle requirements.
6.2.4
Bit Rate Options
The CD1865 supports independent transmitter and receiver bit rates on each of its eight channels.
The bit rate is determined by a 16-bit period value (divisor) stored in the Transmitter Bit Rate
Period registers (TBPRH and TBPRL), or in the Receiver Bit Rate Period registers (RBPRH and
RBPRL). These registers establish the period of the corresponding Transmitter and Receiver Bit
Rate counters. To set a given bit rate, the value to be loaded is determined by the following
equation:
This equation may yield a non-integer result. The nearest integer value is the optimum choice for
that bit rate and system clock combination. The value loaded in the Bit Rate Period registers must
be that integer expressed as a 16-bit binary value. If rounding is necessary, the percentage bit rate
error can be calculated by:
The popular bit rates and their corresponding divisors at various system clock rates are shown in
Table 5.
Figure 16.
NO_OSC
OSC1
OSC2
DBLCLK
CLK
CKOUT
D
Q
RQ
FROM RESET LOGIC
Bit Rate Divisor
CLK frequency {in Hertz}
()
(16 x desired Bit Rate {in bits per second})
-----------------------------------------------------------------------------------------------------------
=
Bit Rate Divisor – Integer
() 100
×
Bit Rate Divisor
⁄



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com