Electronic Components Datasheet Search
  English  ▼

X  

CD1865 Datasheet(PDF) 15 Page - Intel Corporation

Part # CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Datasheet(HTML) 15 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 11Page - Intel Corporation CD1865 Datasheet HTML 12Page - Intel Corporation CD1865 Datasheet HTML 13Page - Intel Corporation CD1865 Datasheet HTML 14Page - Intel Corporation CD1865 Datasheet HTML 15Page - Intel Corporation CD1865 Datasheet HTML 16Page - Intel Corporation CD1865 Datasheet HTML 17Page - Intel Corporation CD1865 Datasheet HTML 18Page - Intel Corporation CD1865 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 150 page
background image
Intelligent Eight-Channel Communications Controller — CD1865
Datasheet
15
3.0
Device Selection Considerations
The CD1865 device is an enhanced version of the same product family as the CD180 and CD1864.
The CD1865 is software compatible with both the CD180 and CD1864. If this is a new CD1865
design, please skip this page.
The CD1865 is recommended for any new designs. Please note that to achieve the high data rates,
66-MHz system clock is required. To support data rates of up to 115.2 kbps, the specified system
clock frequency is required. Please refer to the differences in pins between the CD1864 and
CD1865. It is recommended that the 66-MHz, 2
×-clock option (oscillator or crystal) is used
wherever possible.
Note:
This input (DTRSEL) on the CD180 sets the mode for the DTR*/CD* pins. When DTRSEL is
high, the DTR*/CD* pins implement the DTR* output; when low, the DTR*/CD* pins become
CD* inputs.
The CD1864 and CD1865 have separate DTR and CD pins and so the DTRSEL is eliminated.
Note:
In January 1995, Intel changed all 100-pin PQFP package types from EIAJ to JEDEC. The
CD1865 is now available in a JEDEC package. Before beginning any new design or converting
from CD1864 to CD1865, please contact Intel for package details.
Warning:
The CD1865 device may have potential latch up problems if used in socket. It is recommended that
this device be surface mounted.
Table 1.
CD18XX Product Family
Features
CD180
CD1864
CD1865
Package
84-pin PLCC
100-pin PQFP
100-pin MQFP
System clock
12.5 MHz
25 MHz (
×2) or
12.5 MHz (
×1)
66 MHz (
×2) or
33 MHz (
×1)
Maximum bit rates
64 kbps
64 kbps
115.2 kbps
Pins
DTRSEL *
––
4 modem/IO signals per
channel
5 modem/IO signals per
channel
5 modem/IO signals per
channel
Table 2.
Differences Between the CD1865 and CD1864
Pin Number
CD1865
Pin Name
CD1864
Pin Name
Comments
1VCC
n/c
Note 1
16
GND
n/c
Note 1
37
VCC
n/c
Note 2
NOTES:
1. Pin 1 and pin 16 are truly no-connects on the CD1864 device.
2. Pin 37 on the CD1864 is not a true no-connect, and can cause problems if connected to VCC. To make a
single board design be compatible with either the CD1864 or CD1865, a configuration jumper must be used
to allow pin 37 to be a no-connect or a VCC connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com