| Electronic Components Datasheet Search |
|
CD1865 Datasheet(PDF) 37 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
CD1865 Datasheet(HTML) 37 Page - Intel Corporation |
|
37 / 150 page ![]() Intelligent Eight-Channel Communications Controller — CD1865 Datasheet 37 • This method is called ‘Software Polled’. Polling is often used in situations where the host system is primarily dedicated to servicing the serial channels and has few other tasks to perform. It is usually better when the host CPU has a long interrupt context switch time. In this method, the host periodically checks the CD1865s to determine if any service requests are pending. If they are, the host acknowledges them in software and proceeds with the service. One of the advantages of the CD1865 is that it allows the use of any of the above techniques, or a combination. Such a combination is referred to as ‘Mixed-mode operation’. In a typical mixed- mode design, normal interrupts are used to signal to the host that service is required. After the host enters its interrupt service routine, it services the CD1865 that generated the service request. Then the host polls the CD1865s to determine if more channels require service. If the host finds a channel requiring service, it handles it in the usual manner, and then proceeds to poll for more service requests. This process continues until all CD1865s are handled. Because the host is not exiting and re-entering its own interrupt context each time, much host CPU time is saved, resulting in even faster overall performance. The Advantage of a mixed-mode design is that the software has complete control of whether to be fully interrupt driven or to poll in certain circumstances. A mixed-mode design is recommended to tune a system for optimum performance. A CD1865 evaluation board can be employed to analyze CD1865 performance and evaluate different software implementations. Intel testing (in an AT-compatible ’386 machine) found that a mixed-mode system provided the highest overall throughput with minimum host CPU loading. This is generally found to be the case with host processors that have relatively long interrupt response times, such as the Intel ’386. 5.5.1 Method 1a — Full Interrupt – Type A, Three-Level Interrupt with Three-Level Acknowledge This method is illustrated in Figure 8. It is best-suited for 680X0-family processors. The three CD1865 service request lines are connected to the Interrupt Priority Encoder. When the host performs an interrupt acknowledgment cycle, the CD1865 responds with its vector. The host uses this vector to jump directly to the appropriate service routine. Other methods can also be used with a 680X0-based system. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |