Electronic Components Datasheet Search
  English  ▼

X  

CD1865 Datasheet(PDF) 85 Page - Intel Corporation

Part # CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Datasheet(HTML) 85 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 81Page - Intel Corporation CD1865 Datasheet HTML 82Page - Intel Corporation CD1865 Datasheet HTML 83Page - Intel Corporation CD1865 Datasheet HTML 84Page - Intel Corporation CD1865 Datasheet HTML 85Page - Intel Corporation CD1865 Datasheet HTML 86Page - Intel Corporation CD1865 Datasheet HTML 87Page - Intel Corporation CD1865 Datasheet HTML 88Page - Intel Corporation CD1865 Datasheet HTML 89Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 150 page
background image
Intelligent Eight-Channel Communications Controller — CD1865
Datasheet
85
by hardware or software, the CD1865 does not initialize every register and RAM location to a
defined value. The only sure state is that all channels are inactive, no service requests are pending,
and the Global Interrupt Vector register is FF Hex.
Figure 28. Initialization
INITIALIZATION
N
Y
MASTER
CHIP
RESET
GLOBAL
INITIALIZATION
CHANNEL
INITIALIZATION
Y
LOAD SCHR1-3, MSVR,
MCOR1-2, TRANSMIT/RECEIVE
LOAD GSVR WITH CHIP ID,
PILRS WITH VECTORS, AND
PRESCALE REGISTERS
LOAD COR1-3 WITH
CHARACTER SETTINGS
ISSUE COR CHANGE
COMMAND IN CCR
LOAD CAR WITH A ‘0’
N
Y
DONE
GSVR
= FF
?
CCR
= 0
?
LAST
CHANNEL
(CAR=8)
?
INCREMENT CAR
N
AND OPERATION MODES
After either a hardware reset by the RESET pin or a software reset
by a CCR command, wait until the GSVR= xFF before proceeding
with chip initialization.
When the CD1865 is ready, begin by loading the GSVR with the
the Service Match registers with the vectors that will be used during
service acknowledge cycles. Load the Prescale registers with the
value chosen for the basic time count for timer operations.
In preparation for channel initialization, load the CAR with a ‘0’ to
access Channel Zero registers.
for the CCR to contain a value of zero to ensure that the
CD1865 is not processing a previous change command for that
channel.
Load the Channel Option registers with the values to enable the
desired modes of operation and character parameters such as
parity, stop bits, and so on.
Inform the CD1865 that one or more Channel Option registers
have changed via the COR Change Command.
Option registers for modem interrupt conditions; the MSVR with the
bits in the SRER register for the interrupt conditions desired.
If more channels, go back to the top of the loop.
chip ID if there are more than one CD1865 in the system. Load
states of DTR/RTS as necessary and the baud rate constants for
Transmit and Receive Baud Rate Generators. Set the appropriate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com