Electronic Components Datasheet Search
  English  ▼

X  

CD1865 Datasheet(PDF) 10 Page - Intel Corporation

Part # CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Datasheet(HTML) 10 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 6Page - Intel Corporation CD1865 Datasheet HTML 7Page - Intel Corporation CD1865 Datasheet HTML 8Page - Intel Corporation CD1865 Datasheet HTML 9Page - Intel Corporation CD1865 Datasheet HTML 10Page - Intel Corporation CD1865 Datasheet HTML 11Page - Intel Corporation CD1865 Datasheet HTML 12Page - Intel Corporation CD1865 Datasheet HTML 13Page - Intel Corporation CD1865 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 150 page
background image
CD1865 — Intelligent Eight-Channel Communications Controller
10
Datasheet
1.0
Overview
The CD1865 is a cost-effective controller capable of controlling eight full-duplex channels
transferring data at rates up to 115.2 kbps. The advantage of the CD1865 lies in its ability to
efficiently move data from the serial channels to the host. This results in an order-of-magnitude
improvement in system-level throughput and a reduction in overhead on the host CPU.
To increase the overall data throughput of the system, the device relies on a combination of features.
Most important are the buffers for transmit and receive data. Each serial channel has three 8-byte
FIFOs — one each for transmit, receive, and receive exception status. The receive FIFOs have
programmable thresholds to minimize interrupt latency requirements.
The CD1865 is based on a high-performance proprietary RISC processor architecture developed
by Intel specifically for data communication applications. This processor executes all instructions
in one clock cycle, and uses a register-window architecture to ensure zero-overhead context switch
for each type of internal interrupt.
The CD1865 is fabricated in an advanced CMOS process. The device’s high throughput, low-
power consumption, and high-level of integration permit system designs with minimum parts
count, maximum performance, and maximum reliability.
1.1
Theory of Operation
The CD1865 custom RISC processor is assisted by specialized peripheral logic. Serial data
transmission and reception is handled by ‘bit engines’. Each channel has a bit engine for transmit
and another for receive. While each engine handles all bit-level timing, bit-to-character assembly is
done in firmware. Bits are passed to the processor by internal interrupts, over a special bus
dedicated to this purpose. To reduce internal interrupts to zero, special interrupt context hardware
points to the correct register window for every possible context. A unique Global Index register
eliminates address calculations by always pointing to the current channel.
The processor assembles bits into characters, checks parity and other formatting parameters, and
stores the data in the FIFOs as required. FIFOs are maintained as RAM-based structures. Both the
local processor and the host access them by Pointer registers, in effect an Indexed Addressing
mode.
The CD1865 communicates with the host by service requests and service acknowledgments.
Service requests can be detected by interrupt lines or by on-device registers. Regardless of the
method used, the CD1865 has features to minimize both the number of requests to be serviced and
the time required to service them. FIFOs help reduce the number of service requests to one every
eight characters. To reduce the time required per request, the CD1865 supplies separate vectors for
four different types of service requests. This reduces the time required by the processor to effect the
proper operation. For instance, there is a unique vector for ‘good data’, so that the host wastes no
time checking status bits or error conditions. If there is an error condition, the CD1865 supplies a
unique vector pointing to the error-handling routine. Other vectors report transmit status and
modem signal change.
Interrupts can be acknowledged either by an Interrupt Acknowledge pin, or by reading an on-
device register. This allows host software maximum flexibility and speed in handling service
requests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com