Electronic Components Datasheet Search
  English  ▼

X  

CD1865 Datasheet(PDF) 40 Page - Intel Corporation

Part # CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Datasheet(HTML) 40 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 36Page - Intel Corporation CD1865 Datasheet HTML 37Page - Intel Corporation CD1865 Datasheet HTML 38Page - Intel Corporation CD1865 Datasheet HTML 39Page - Intel Corporation CD1865 Datasheet HTML 40Page - Intel Corporation CD1865 Datasheet HTML 41Page - Intel Corporation CD1865 Datasheet HTML 42Page - Intel Corporation CD1865 Datasheet HTML 43Page - Intel Corporation CD1865 Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 150 page
background image
CD1865 — Intelligent Eight-Channel Communications Controller
40
Datasheet
5.5.4
Method 3b — Polled Interface
This method is illustrated in Figure 11. Polled operation can be used with any type of host CPU, or
it can be used in combination with interrupts to provide a mixed-mode system optimized for a
particular application. In a polled system, the host reads the Service Request Status register (SRSR)
within the CD1865 to determine whether there are any channels that need service. (Note that unlike
traditional UARTs, only one register needs to be read to determine if there are any channels in any
device that need attention, and this saves time).
If the host finds channels needing service, it acknowledges the required type by reading one of the
three Request Acknowledge registers. These provide a vector that can be used to jump directly to
the correct service routine. Processing from this point proceeds as in the case of interrupt-driven
operation. Note that the difference between this method and Method 2b lies in how the host system
becomes aware of the need to service the CD1865. In Method 2b a single interrupt starts the
process. In Method 3b the host polls periodically. The two methods can be combined — an
interrupt triggers the first service, but the host continues to poll until any other pending requests are
serviced.
Figure 10. Single-Level Interrupt with Single-Level Acknowledge Example
CD1865 # 1
CD1865 # 2
MICROPROCESSOR
ADDRESS
DECODE
LOGIC
A1–A3
A8–A23
A4–A7
D0–D7
ALE
INT
A0–A2
A3–A6
CS*
D0-D7
RREQ*
TREQ*
MREQ*
A0–A2
A3–A6
CS*
D0–D7
RREQ*
TREQ*
MREQ*
ACKIN*
ACKOUT*
ACKOUT*
ACKIN*
OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com