Electronic Components Datasheet Search
  English  ▼

X  

CD1865 Datasheet(PDF) 41 Page - Intel Corporation

Part # CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Datasheet(HTML) 41 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 37Page - Intel Corporation CD1865 Datasheet HTML 38Page - Intel Corporation CD1865 Datasheet HTML 39Page - Intel Corporation CD1865 Datasheet HTML 40Page - Intel Corporation CD1865 Datasheet HTML 41Page - Intel Corporation CD1865 Datasheet HTML 42Page - Intel Corporation CD1865 Datasheet HTML 43Page - Intel Corporation CD1865 Datasheet HTML 44Page - Intel Corporation CD1865 Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 150 page
background image
Intelligent Eight-Channel Communications Controller — CD1865
Datasheet
41
There is a difference between the CD1865 and conventional dumb UARTs that makes the CD1865
more efficient even when operating in a polled environment. With a dumb UART, the host polls
each channel in turn to determine whether it has any data. With the CD1865, the host polls the
CD1865s as a group for whether it has data. If it does, the CD1865s indicates the channel, rather
than the host testing each channel in turn. In fact, it is not possible for the host to dictate which
channel is serviced; the CD1865 determines this order. This minimizes both the number of polling
steps required and the amount of time each needs. This also ensures fair, balanced service of all
channels.
There are several ways that a host system can poll the CD1865. Each method has certain
advantages. The most direct method is to read the Service Request Status register (SRSR). This
register contains three bits that indicate whether there is a request pending for receive, transmit, or
modem signal change, on the CD1865 being read. There are three more bits that provide the same
information for all CD1865s in the system — these three bits reflect the state of the wire-OR’ed
external request lines. Thus a single read operation can determine if there is any activity.
Figure 11. Simple Software Polled Interface Example
CD1865 #2
CD1865 #1
MICROPROCESSOR
A1–A3
A4–A7
D0–D7
A0–A2
A3–A6
A0–A2
A3–A6
D0–D7
D0–D7
RREQ*
TREQ*
MREQ*
RREQ*
TREQ*
MREQ*
ACKIN* ACKOUT*
ACKOUT* ACKIN*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com