Electronic Components Datasheet Search
  English  ▼

X  

CD1865 Datasheet(PDF) 63 Page - Intel Corporation

Part # CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Datasheet(HTML) 63 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 59Page - Intel Corporation CD1865 Datasheet HTML 60Page - Intel Corporation CD1865 Datasheet HTML 61Page - Intel Corporation CD1865 Datasheet HTML 62Page - Intel Corporation CD1865 Datasheet HTML 63Page - Intel Corporation CD1865 Datasheet HTML 64Page - Intel Corporation CD1865 Datasheet HTML 65Page - Intel Corporation CD1865 Datasheet HTML 66Page - Intel Corporation CD1865 Datasheet HTML 67Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 150 page
background image
Intelligent Eight-Channel Communications Controller — CD1865
Datasheet
63
The user may individually enable any CD1865 channel to recognize special characters. There are
six bits used to control the various recognition and flow-control modes.
The following four registers are used to control character recognition:
The following table shows the effects of XonCH and XoffCH:
Note:
The two-character pairs can share a common first character; however, the same character must be
programmed in both SCHR1 and SCHR2.
Single- versus double-character recognition is controlled by XonCH and XoffCH. If single-
character compare is enabled, the CD1865 compares data in the data stream against the four special
characters stored in the Special Character registers (SCHR1-4). If fewer than four special
characters are required, the unused Special Character register(s) should be disabled by duplicating
the pattern to be matched in the unneeded register. When reporting a special character, the CD1865
always reports the lowest-number Special Character register that matches.
To set up Special Character Recognition, first set the characters to be matched in registers SCHR1-
4, then set XonCH and XoffCH according to the length of match wanted. Set the SCDE bit, and
lastly enable service requests by setting RxSC.
Special characters are reported to the host by placing the appropriate status word in the Status FIFO
and the recognized special character in the Receive Data FIFO. In the case of a two-character
sequence, only the second character is stored in the Receive FIFO. This is because there is room
only for one character and preserving both is not needed as these characters are user-defined.
7.1.9
Flow-Control Characters
Automatic In-Band Flow Control of the CD1865 transmitter is a subset of the Special Character
Recognition capability, so to understand both these features is important. Refer to Section 7.2 on
page 68 for transmitter operation. Flow-control characters and operation are programmable on a
per-channel basis. This is important to operating systems that allow users to configure their own
terminal settings independently.
Bit Name
Register
Function
SCDE
COR3
Enables detection of special characters. Must be set for In-Band Flow
Control to work.
RxSC
Enables generation of service requests. Cannot be overridden by
other bits. Does not need to be set for In-Band Flow Control to work.
XonCH
COR3
Controls single- versus double-character matching.
XoffCH
COR3
Controls single- versus double-character matching.
XonCH
XoffCH
Characters matched
0
0
Match on: any of SCHR1–4
0
1
Match on: SCHR1 or SCHR3 or (SCHR2 and SCHR4)
1
0
Match on: (SCHR1 and SCHR3) or SCHR2 or SCHR4
1
1
Match on: (SCHR1 and SCHR3) or (SCHR2 and SCHR4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com