Electronic Components Datasheet Search
  English  ▼

X  

CD1865 Datasheet(PDF) 56 Page - Intel Corporation

Part # CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Datasheet(HTML) 56 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 52Page - Intel Corporation CD1865 Datasheet HTML 53Page - Intel Corporation CD1865 Datasheet HTML 54Page - Intel Corporation CD1865 Datasheet HTML 55Page - Intel Corporation CD1865 Datasheet HTML 56Page - Intel Corporation CD1865 Datasheet HTML 57Page - Intel Corporation CD1865 Datasheet HTML 58Page - Intel Corporation CD1865 Datasheet HTML 59Page - Intel Corporation CD1865 Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 150 page
background image
CD1865 — Intelligent Eight-Channel Communications Controller
56
Datasheet
To recognize how this difference can cause a problem, suppose that the three Service Request lines
from the CD1865 are connected to levels 7, 6, and 5 of the VME bus (see Figure 19 on page 56).
Also, attach a 74XX244 so that during an Interrupt Acknowledgment cycle provides an 8-bit code
consisting of the three address bits plus five more hard-wired bits to the CD1865. Now, whenever
an acknowledgment of a level 5, 6, or 7 interrupt occurs, the CD1865 either responds or passes the
acknowledgment properly. If an acknowledgment occurs on levels 1–4, the daisy chain ‘breaks’
because the CD1865 does not recognize a match.
This condition can be easily rectified, as shown in Figure 20 on page 57. A PAL is used to assert
ACKOUT* whenever ACKIN* occurs on a level not being used by the CD1865. The PAL is
programmed for fixed levels. For example, if the current VME bus Interrupt level is 1–4, the PAL
asserts ACKOUT* whenever ACKIN* is active. If the current level is 5–7, the PAL asserts
ACKOUT* when ACKOUT* from the CD1865 is active. If required, the assignment of VME
Interrupt levels to the CD1865 can be field-programmable by supplying additional inputs to the
PAL, indicating the levels being used by the CD1865.
Figure 19. Incorrect VME Interface
CD1865
A0–A6
RREQ*
TREQ*
MREQ*
ACKOUT* ACKIN*
74XX244
ARBITRARY
VALUE
A1–A3
IRQ7*
IRQ6*
IRQ5*
ACKIN*
ACKOUT*
A1–A7
VME BUS
(BUFFERS NOT SHOWN)
IACK*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com