Electronic Components Datasheet Search
  English  ▼

X  

CD1865 Datasheet(PDF) 54 Page - Intel Corporation

Part # CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Datasheet(HTML) 54 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 50Page - Intel Corporation CD1865 Datasheet HTML 51Page - Intel Corporation CD1865 Datasheet HTML 52Page - Intel Corporation CD1865 Datasheet HTML 53Page - Intel Corporation CD1865 Datasheet HTML 54Page - Intel Corporation CD1865 Datasheet HTML 55Page - Intel Corporation CD1865 Datasheet HTML 56Page - Intel Corporation CD1865 Datasheet HTML 57Page - Intel Corporation CD1865 Datasheet HTML 58Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 150 page
background image
CD1865 — Intelligent Eight-Channel Communications Controller
54
Datasheet
6.4
Interface Examples
There are some general design considerations when interfacing the CD1865 to any host
environment.
The three Service Request pins (*, *, and *) can change at any time, and this can introduce
metastability problems if the interrupt controller requires clocked signals. When designing, take
care that all signals are stable when needed.
The Service Request pin of the type being acknowledged is negated at the end of the service
acknowledgment bus cycle. Often, during the course of servicing one channel, another channel
reaches a state where a request would assert, for example, while servicing receive on channel one,
channel two’s FIFO fills. The Service Request bits in the Service Request Status register (SRSR)
does not reassert until approximately two clock periods after the host completes its write to the End
Of register (). In polled or mixed-mode systems, to determine whether another service request of
the same level is pending, and to make sure that the host does not re-read the SRSR too quickly,
insert a No-Operation (or similar) instruction.
Performing an ‘invalid’ service acknowledgment bus cycle on the CD1865 is permissible, but it
can cause problems in certain circumstances. An Invalid Service Acknowledgment is an
acknowledgment for which there is no request pending.
If a service request acknowledgment bus cycle is performed by the host when no service request is
pending, either of two things can occur. If the value on the address bus matches one of the three
values in the three Service Match registers (), and daisy chaining is enabled, the CD1865 assumes
that another device down the daisy chain should receive the request, and asserts its ACKOUT* pin.
This propagates down the CD1865 chain until eventually the last CD1865 asserts its ACKOUT*.
Figure 18. Typical Clocked Bus Interface
NEW CYCLE MAY BEGIN
DON’T CARE
VALID
DON’T CARE
DON’T CARE
CD1864
DS*
CS*
R/W*
ADDRESS
UNDEFINED
VALID
DATA-READ
DTACK*
CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com