Electronic Components Datasheet Search
  English  ▼

X  

CD1865 Datasheet(PDF) 76 Page - Intel Corporation

Part # CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Datasheet(HTML) 76 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 72Page - Intel Corporation CD1865 Datasheet HTML 73Page - Intel Corporation CD1865 Datasheet HTML 74Page - Intel Corporation CD1865 Datasheet HTML 75Page - Intel Corporation CD1865 Datasheet HTML 76Page - Intel Corporation CD1865 Datasheet HTML 77Page - Intel Corporation CD1865 Datasheet HTML 78Page - Intel Corporation CD1865 Datasheet HTML 79Page - Intel Corporation CD1865 Datasheet HTML 80Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 150 page
background image
CD1865 — Intelligent Eight-Channel Communications Controller
76
Datasheet
7.3.5
Transmitter Hardware (Out-of-Band) Flow Control
Transmit Out-of-Band Flow Control is performed automatically by the CD1865 by the CTS* pin,
if the CTS Auto Enable (CtsAE) mode is enabled in bit 1 of COR2. In this mode, before a character
from the FIFO is transmitted, the CTS* pin is tested, and, if inactive, transmission is delayed. Since
flow control is implemented between the FIFO and the Transmit Holding register, when CTS* is
negated, it is possible to get both the current character being sent and the character in the Transmit
Holding register.
However, the Send Special Character Command (that is, Xon and Xoff) overrides CTS* inactive.
This is generally preferred; however, in some applications sample CTS* or CD* before sending a
special character.
To complete the handshake with a remote device, an RTS Automatic Output (RtsAO, bit 2) mode is
also provided. This causes the RTS pin to be asserted throughout any data transmission: normal,
break, and special characters. The RTS pin is activated whenever there is data in the FIFO and
transmitter registers. It is held active until after the last Stop bit of the last character is transmitted.
7.3.6
Transmitter Software (In-Band) Flow Control
The CD1865 transmitter can be programmed to respond automatically to flow-control characters
received by the receiver. This feature requires no host assistance and substantially reduces host
processing requirements. If this Automatic mode is enabled, when the remote unit transmits an
Xoff character to the CD1865 (to prompt the CD1865 to suspend transmission), the CD1865
terminates the transmission. The CD1865 may require approximately 500 microseconds (~2
character-times at 38.4 kbps) after receipt of the Stop bit to recognize that the character it has
Figure 26. Transmitter Flow-Control Logic
FULL/
EMPTY
BIT
TRANSMITTER HOLDING REGISTER
TRANMSITTER SHIFT REGISTER
TRANSMITTER
FIFO
BACKGROUND CODE:
FIFO-TO-H.R. TRANSFER, FLOW
CONTROL, OTHER FEATURES
FOREGROUND CODE:
BIT DISASSEMBLY,
H.R.-TO-S.R. TRANSFER
(POLLING LOOP)
(INTERRUPT-DRIVEN)
RTS
OUT
CTS
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com