Electronic Components Datasheet Search
  English  ▼

X  

CD1865 Datasheet(PDF) 7 Page - Intel Corporation

Part # CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Datasheet(HTML) 7 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 3Page - Intel Corporation CD1865 Datasheet HTML 4Page - Intel Corporation CD1865 Datasheet HTML 5Page - Intel Corporation CD1865 Datasheet HTML 6Page - Intel Corporation CD1865 Datasheet HTML 7Page - Intel Corporation CD1865 Datasheet HTML 8Page - Intel Corporation CD1865 Datasheet HTML 9Page - Intel Corporation CD1865 Datasheet HTML 10Page - Intel Corporation CD1865 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 150 page
background image
Datasheet
7
Intelligent Eight-Channel Communications Controller — CD1865
37
Unclocked Bus Interface Read Cycle, Motorola‚-Style Handshake................... 139
38
Unclocked Bus Interface Service Acknowledgment Cycle,
Motorola‚-Style Handshake ............................................................................... 140
39
Unclocked Bus Interface Write Cycle,
Motorola‚-Style Handshake ............................................................................... 141
40
Unclocked Bus Interface Read Cycle, Intel‚-Style Handshake.......................... 142
41
Unclocked Bus Interface Service Acknowledgment Cycle,
Intel‚-Style Handshake ...................................................................................... 143
42
Unclocked Bus Interface Write Cycle,
Intel‚-Style Handshake144
Tables
1
CD18XX Product Family ..................................................................................... 15
2
Differences Between the CD1865 and CD1864..................................................15
3
State Machine Logic............................................................................................ 29
4
Service Request Methods ................................................................................... 36
5
Bit Rate Constants, CLK = 33 MHz .....................................................................49
6
Bit Rate Constants, CLK = 25 MHz .....................................................................49
7
Bit Rate Constants, CLK = 20 MHz .....................................................................50
8
Bit Rate Constants, CLK = 15 MHz .....................................................................50
9
Register Summary...............................................................................................96
10
Clocked Timings................................................................................................ 129
11
Unclocked Timings ............................................................................................ 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com