Electronic Components Datasheet Search
  English  ▼

X  

CD1865 Datasheet(PDF) 64 Page - Intel Corporation

Part # CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Datasheet(HTML) 64 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 60Page - Intel Corporation CD1865 Datasheet HTML 61Page - Intel Corporation CD1865 Datasheet HTML 62Page - Intel Corporation CD1865 Datasheet HTML 63Page - Intel Corporation CD1865 Datasheet HTML 64Page - Intel Corporation CD1865 Datasheet HTML 65Page - Intel Corporation CD1865 Datasheet HTML 66Page - Intel Corporation CD1865 Datasheet HTML 67Page - Intel Corporation CD1865 Datasheet HTML 68Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 150 page
background image
CD1865 — Intelligent Eight-Channel Communications Controller
64
Datasheet
Because the CD1865 performs flow-control functions before the data is passed to the host, the
response time required of the host to avoid data overrun is greatly reduced. Additionally, the flow-
control characters can be stripped from the data stream, relieving the host from processing them.
To use automatic flow-control, the Special Character Detection (SCDE) must be enabled by bit 4 of
Channel Option register 3 (COR3). This causes all error-free received data to be compared for a
match with the Special Character registers (SCHR1–4). In addition, flow-control must be enabled
by Transmit In-Band Enable (TxIBE, bit 6) of COR2. This causes the special characters to be
interpreted as flow-control characters. For single-character flow-control sequences, SCHR1 is used
as Xon and SCHR2 as Xoff. SCHR3–4 are available for use as normal special-detect characters. If
two-character sequences are enabled by XoffCH and XonCH (bits 6 and 7) of COR3, SCHR1 and
SCHR3 form the Xon sequence, and SCHR2 and SCHR4 form the Xoff sequence.
If flow-control characters are passed to the host, they are marked as special characters 1 or 2 in the
Receive Channel Status register (RCSR). If a two-character sequence is detected, it is compressed
to the second character and a status indicating a match of the first character is set. A valid two-
character sequence requires that both characters be received without error; if an error occurs on the
second character the first character is treated as a normal character, and this does not affect non-
flow control special character detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com