Electronic Components Datasheet Search
  English  ▼

X  

CD1865 Datasheet(PDF) 38 Page - Intel Corporation

Part # CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Datasheet(HTML) 38 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 34Page - Intel Corporation CD1865 Datasheet HTML 35Page - Intel Corporation CD1865 Datasheet HTML 36Page - Intel Corporation CD1865 Datasheet HTML 37Page - Intel Corporation CD1865 Datasheet HTML 38Page - Intel Corporation CD1865 Datasheet HTML 39Page - Intel Corporation CD1865 Datasheet HTML 40Page - Intel Corporation CD1865 Datasheet HTML 41Page - Intel Corporation CD1865 Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 150 page
background image
CD1865 — Intelligent Eight-Channel Communications Controller
38
Datasheet
5.5.2
Method 1b — Full Interrupt – Type B, Three-Level
Interrupt with Single-Level Acknowledge
This method is illustrated in Figure 9. It is useful with 80X86 systems that use the 8259A Interrupt
Controller. Since the 8259A supplies its own vector to the host when an INTA cycle occurs, the
host can simply read the CD1865’s vector by the method described in the polled interface example
or a separate device select decode can be provided to drive the ACKIN* input.
After the 8259A supplies a vector to the 80X86 host CPU, the host performs a software
acknowledgment to the CD1865, and transfers the CD1865 vector to the host. This allows the
service request to be processed.
Figure 8. Three-Level Interrupt with Three-Level Acknowledge Example
EIGHT-LEVEL
PRIORITY
ENCODER
CD1865 # 2
CD1865 # 1
M68000
MICROPROCESSOR
ADDRESS
DECODE
LOGIC
A1–A3
A8–A23
A4–A7
D0–D7
AS*
IPL1
IPL2
IPL3
A0–A2
A3–A6
CS*
D0–D7
RREQ*
TREQ*
MREQ*
A0–A2
A3–A6
CS*
D0–D7
RREQ*
TREQ*
MREQ*
ACKIN*
ACKOUT*
ACKOUT*
ACKIN*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com