Electronic Components Datasheet Search
  English  ▼

X  

CD1865 Datasheet(PDF) 55 Page - Intel Corporation

Part # CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Datasheet(HTML) 55 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 51Page - Intel Corporation CD1865 Datasheet HTML 52Page - Intel Corporation CD1865 Datasheet HTML 53Page - Intel Corporation CD1865 Datasheet HTML 54Page - Intel Corporation CD1865 Datasheet HTML 55Page - Intel Corporation CD1865 Datasheet HTML 56Page - Intel Corporation CD1865 Datasheet HTML 57Page - Intel Corporation CD1865 Datasheet HTML 58Page - Intel Corporation CD1865 Datasheet HTML 59Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 150 page
background image
Intelligent Eight-Channel Communications Controller — CD1865
Datasheet
55
At this point, the system waits endlessly unless the bus cycle terminates. The best method is to
connect the ACKOUT* of the last CD1865 in the chain to a bus-error input on the host. If there are
multiple CD1865s that are not cascaded, the ACKOUT* signals should be OR’ed together through
a gate or a PAL.
If an acknowledgment occurs and the value on the address bus does not match any of the Match
registers, the first CD1865 in the chain does not pass it along or assert DTACK* and the system
waits endlessly unless there is a bus time-out or other mechanism to detect this condition. In either
of these circumstances, the ‘value’ on the data bus is likely to be FFh because the bus is floating
(this is system dependent). To make a robust design, do not use FFh as a valid Global Service
Vector register (GSVR) value. If daisy chaining is not enabled, then the CD1865 returns a vector of
‘00’ for invalid acknowledgments.
6.4.1
Interfacing to 80X86-Family Processors
The Intel 80X86 family processors often use the 8259A as the interrupt controller, which supplies
its own vector during the INTA cycle. The easiest way to interface the CD1865 to an Intel
processor is by Mixed mode, as described in Section 5.5.
There is one ‘bug’ in the 8259A to be aware of. The 8259A can change the prioritizing of its eight
inputs, which can result in one of its acknowledge outputs going low briefly (~30 ns) if an input
changes at a certain time. This typically occurs if a higher-priority input to the 8259A asserts when
the 8259A is about to issue an acknowledge to a lower-priority device. If this occurs at the
beginning of a cycle, this brief pulse can cause the CD1865 (and other devices) to malfunction. Be
sure that this does not occur. See Intel 8259A Data Sheet for details.
6.4.2
Interfacing to 680X0-Family Processors
The 68000-family interface is quite straightforward. The three service request lines go through a
priority encoder to the 680X0 IPL inputs. The CD1865s ACKIN* pin is driven by a decoder.
When the 680X0 performs an Interrupt Acknowledge cycle, it drives its address lines A1, A2, and
A3 with a three-bit value indicating the level being serviced. The other address lines are set to a 1.
If the level being serviced corresponds to a level assigned to the CD1865, external decoding logic
should assert the CD1865 ACKIN* pin. The value on address lines A0 to A7 is programmed into
the , so the CD1865 recognizes the acknowledgment and proceeds as described in the Service
Request Section 5.3.1.
All CD1865 service requests can also be routed to a single interrupt level by using a Mixed-mode
interface, as described in Section 5.5.
6.4.3
Interfacing to the VME Bus
The CD1865 can be directly interfaced to the VME bus, and only requires a small amount of logic
to complete the interface. This is necessary because service request acknowledgment works
differently on the VME bus than on the CD1865. VME defines seven levels of interrupts; each
level can be shared among multiple VME cards. During an Interrupt Acknowledge cycle, the VME
bus provides three bits on the address bus, indicating the level being acknowledged (A1-A3). Each
VME card must pass along an interrupt on all levels it is not using but the CD1865 does not
automatically pass an interrupt acknowledgment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com