Electronic Components Datasheet Search
  English  ▼

X  

CD1865 Datasheet(PDF) 50 Page - Intel Corporation

Part # CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Datasheet(HTML) 50 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 46Page - Intel Corporation CD1865 Datasheet HTML 47Page - Intel Corporation CD1865 Datasheet HTML 48Page - Intel Corporation CD1865 Datasheet HTML 49Page - Intel Corporation CD1865 Datasheet HTML 50Page - Intel Corporation CD1865 Datasheet HTML 51Page - Intel Corporation CD1865 Datasheet HTML 52Page - Intel Corporation CD1865 Datasheet HTML 53Page - Intel Corporation CD1865 Datasheet HTML 54Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 150 page
background image
CD1865 — Intelligent Eight-Channel Communications Controller
50
Datasheet
Table 7.
Bit Rate Constants, CLK = 20 MHz
Bit Rate
Divisor†
Error
110
2c64
0.003%
150
208d
0.004%
300
1047
0.008%
600
823
0.016%
1200
412
0.032%
2400
209
0.032%
4800
104
0.160%
9600
82
0.160%
19200
41
0.160%
38400
21
1.376%
56000
16
1.440%
57600
16
1.376%
64000
14
2.400%
76000
10
2.720%
115200
b
1.376%
†
All divisor values are in hex.
Table 8.
Bit Rate Constants, CLK = 15 MHz
Bit Rate
Divisor†
Error
110
214b
0.003%
150
186a
0.000%
300
c35
0.000%
600
61a
0.032%
1200
30d
0.032%
2400
187
0.096%
4800
c3
0.160%
9600
62
0.352%
19200
31
0.352%
38400
18
1.696%
56000
11
1.547%
57600
10
1.696%
64000
f
2.400%
76000
c
2.720%
115200
8
1.696%
†
All divisor values are in hex.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com