Electronic Components Datasheet Search
  English  ▼

X  

CD1865 Datasheet(PDF) 72 Page - Intel Corporation

Part # CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Datasheet(HTML) 72 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 68Page - Intel Corporation CD1865 Datasheet HTML 69Page - Intel Corporation CD1865 Datasheet HTML 70Page - Intel Corporation CD1865 Datasheet HTML 71Page - Intel Corporation CD1865 Datasheet HTML 72Page - Intel Corporation CD1865 Datasheet HTML 73Page - Intel Corporation CD1865 Datasheet HTML 74Page - Intel Corporation CD1865 Datasheet HTML 75Page - Intel Corporation CD1865 Datasheet HTML 76Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 150 page
background image
CD1865 — Intelligent Eight-Channel Communications Controller
72
Datasheet
7.3
Flow Control
Variations in response times and system data transfer rates between systems communicating across
asynchronous interfaces give rise to a need to control the flow of data between them. Systems
typically are implemented with a receive buffer for temporary storage of data. When this buffer is
nearly full, the receiving computer ‘flow-controls’ the remote transmitter. When, after processing
the existing data, more buffer space is available for the receive process, the receiving computer
signals the remote to resume transmission.
Flow control is implemented in one of two ways — ‘out-of-band’ or ‘in-band’ signaling. Out-of-
band signaling is a hardware-based mechanism, performed by extra wires such as the RTS/CTS
and DSR/DTR pairs. It has the advantage of complete independence from the data stream.
However, it is not always possible to provide all of the wires necessary to support Out-of-Band
Flow Control. Also standards for implementing Out-of-Band Flow Control vary widely.
In-Band Flow Control works by inserting special flow-control characters into the stream of data
being sent. It has the advantage that only the data circuit is required, thus only two wires are
needed. The disadvantage of In-Band Flow Control is that the two communicating computers must
perform additional functions, specifically, they must monitor the data stream for flow-control
characters and take the appropriate action. This can be quite burdensome because the host
computer that receives a flow-control command must recognize this event quickly and respond in a
timely manner to avoid overrun at the remote receiver.
Although there are advantages and disadvantages to each system, in general the trend is toward In-
Band Flow Control. This is because it is more useful than Out-of-Band Flow Control over a wider
range of applications, such as communication by modems.
The CD1865 provides significant performance advantages over conventional solutions during both
the receive processing of and the transmission of flow-control characters. It does this by handling
almost all flow control automatically, without host intervention. It also provides tools to make host
intervention, when required, much easier. Because the CD1865 performs flow-control functions
automatically, before the data is passed to the host, the response time required of the host is
substantially reduced. The possibility of data overrun is also reduced. Additionally, the flow-
control characters themselves can be stripped from the data stream, relieving the host from
processing them. The flow-control status of the transmitter is always available to the Host as a bit
in the Channel Control Status register (CCSR).
7.3.1
Receiver Flow Control
The CD1865 provides both In-Band (Xon/Xoff) and Out-of-Band Flow Control functions for
ensuring that the receiver does not overflow. In-Band Flow Control is semi-automatic and helps the
host manage its buffer size. Out-of-Band Flow Control is fully automatic and can be used to
prevent the CD1865 Receive FIFO from overflowing. Figure 25 on page 73 diagrams the receiver
flow-control logic.
00 81h
Send one-character time of line break
00 82h xxh
Delay for ‘xx’ prescaler time ticks (for example,
Transmit Timer Value is ‘xx’)
00 83h
Stop break
Char. Sequence
Effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com