Electronic Components Datasheet Search
  English  ▼

X  

CD1865 Datasheet(PDF) 59 Page - Intel Corporation

Part # CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Datasheet(HTML) 59 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 55Page - Intel Corporation CD1865 Datasheet HTML 56Page - Intel Corporation CD1865 Datasheet HTML 57Page - Intel Corporation CD1865 Datasheet HTML 58Page - Intel Corporation CD1865 Datasheet HTML 59Page - Intel Corporation CD1865 Datasheet HTML 60Page - Intel Corporation CD1865 Datasheet HTML 61Page - Intel Corporation CD1865 Datasheet HTML 62Page - Intel Corporation CD1865 Datasheet HTML 63Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 150 page
background image
Intelligent Eight-Channel Communications Controller — CD1865
Datasheet
59
An overrun condition occurs when the new data arrives, but the Receive FIFO and the Receive
Holding register are both full. The new data is lost and the overrun indication is flagged on the
character in the Holding register. That character and its status including the overrun indication is
eventually transferred to the host by a Receive Exception Service Request. Note that this character
is good, and is the last character received before the overrun occurred.
Receiver Service Requests are enabled or disabled by the Receive Data bit in the Enable register
(). Receive Data bit, when set to a ‘1’, enables service requests to be asserted for the above causes.
The Prescaler Period Counter is a 16-bit counter clocked by the system clock. If the system clock is
a 33-MHz clock, the maximum count establishes a clock tick every 1.9859 ms. The Prescaler
Period should be set to generate a minimum tick period of 1.0 ms. The Receive Time-out Counter
is an 8-bit counter decremental on every tick of the Prescaler Period Counter. At the maximum
count per tick, the maximum time-out period is 0.506 seconds.
The Receive Time-out is always enabled to transfer data when the Receive Data Service Request is
enabled. From the system applications view-point, this time-out function is important for
asynchronous data transmission. This is especially true when a FIFO is in use and a service request
threshold for the FIFO is set greater than one character. The Timer Service Request eliminates long
response times when excessive delay between characters occurs caused either by the remote
operator or due to the line being disabled. The ‘No New Data’ Timer Service request, which occurs
after all data is transferred to the host, may be used to manage transfers from the host’s receive data
buffers.
Figure 22. Receive Operation
RECEIVER SHIFT REGISTER
RECEIVER HOLDING REGISTER
FULL/
EMPTY
BIT
RECEIVER
RECEIVE DATA COUNT REGISTER
BACKGROUND CODE:
H.R.-TO-FIFO TRANSFER, FLOW
CONTROL, OTHER FEATURES
FOREGROUND CODE:
BIT ASSEMBLY,
S.R.-TO-H.R. TRANSFER
(INTERRUPT-DRIVEN)
(POLLING LOOP)
DTR
OUT
DSR
IN
RECEIVE
STATUS
FIFO
RECEIVER
FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com