Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 31 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 31 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 27Page - Analog Devices LTC2995 Datasheet HTML 28Page - Analog Devices LTC2995 Datasheet HTML 29Page - Analog Devices LTC2995 Datasheet HTML 30Page - Analog Devices LTC2995 Datasheet HTML 31Page - Analog Devices LTC2995 Datasheet HTML 32Page - Analog Devices LTC2995 Datasheet HTML 33Page - Analog Devices LTC2995 Datasheet HTML 34Page - Analog Devices LTC2995 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 90 page
background image
LTM2985
31
Rev. 0
For more information www.analog.com
an excessive noise event, the device should recover and
the following conversions will be valid if the noise event
was a random, infrequent event. Bits D29 and D28 are not
used for diodes. Bits D27 and D26 indicate over or under
temperaturelimits(definedasT> 130°CorT<–60°C).The
calculated temperature is reported, but the accuracy may
be compromised. Bit D25 indicates the absolute voltage
measuredbytheADCisbeyonditsnormaloperatingrange.
If a diode is used as the cold junction element, any hard
or soft error is flagged in the corresponding thermocouple
result (bits D28 and D29 in Table 19).
Example: Single-Ended Type K and Differential Type T
Thermocouples with Shared Diode Cold Junction
Compensation
Figure 9showsatypicaltemperaturemeasurementsystem
where two thermocouples share a single cold junction
diode. In this example, a Type K thermocouple is tied to
CH1 and a Type T thermocouple is tied to CH3 and CH4.
They both share a single cold junction diode with ideal-
ity factor of
η = 1.003 tied to CH2. Channel assignment
data for both thermocouples and the diode are shown in
Figure 9. Dual Thermocouple with Diode Cold Junction Example
TYPE K
0.1µF
TYPE T
η = 1.003
2985 F09
TYPE K THERMOCOUPLE ASSIGNED TO CH1 (CHTC=1)
DIODE COLD JUNCTION ASSIGNED TO CH2 (CHD=2)
TYPE T THERMOCOUPLE JUNCTION ASSIGNED TO CH4 (CHTC=4)
CH4
CH3
CH2
CH1
0.1µF
COM
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x200 TO 0x203
RESULT MEMORY LOCATIONS 0x010 TO 0x013
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x204 TO 0x207
RESULT MEMORY LOCATIONS 0x014 TO 0x017
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x20C TO 0x20F
RESULT MEMORY LOCATIONS 0x01C TO 0x01F
Tables 26to28.Thermocouple#1(TypeK)sensortypeand
configuration data are assigned to CH1. 32-bits of binary
configuration data are mapped directly into memory loca-
tions0x200to0x203(seeTable 26).Thecoldjunctiondiode
sensor type and configuration data are assigned to CH2.
32-bits of binary configuration data are mapped directly
into memory locations 0x204 to 0x207 (see Table 27).
Thermocouple #2 (Type T) sensor type and configuration
data are assigned to CH4. 32-bits of binary configuration
data are mapped directly into memory locations 0x20C
to 0x20F (see Table 28). A conversion is initiated on CH1
by writing 10000001 into memory location 0x000. Both
the Type K thermocouple and the diode are measured
simultaneously. The LTM2985 calculates the cold junction
compensationanddeterminesthetemperatureoftheType
K thermocouple. Once the conversion is complete, the
INT pin goes HIGH and memory location 0x000 becomes
01000001. Similarly, a conversion can be initiated on CH4
by writing 10000100 into memory location 0x000. The
results (in °C) can be read from memory locations 0x010
to 0x013 for CH1 and 0x01C to 0x01F for CH4.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com