Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 72 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 72 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 68Page - Analog Devices LTC2995 Datasheet HTML 69Page - Analog Devices LTC2995 Datasheet HTML 70Page - Analog Devices LTC2995 Datasheet HTML 71Page - Analog Devices LTC2995 Datasheet HTML 72Page - Analog Devices LTC2995 Datasheet HTML 73Page - Analog Devices LTC2995 Datasheet HTML 74Page - Analog Devices LTC2995 Datasheet HTML 75Page - Analog Devices LTC2995 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 90 page
background image
LTM2985
72
Rev. 0
For more information www.analog.com
Voltage Output Mode
For standard (non table mode) voltage output mode, the
channel assignment word is 0xF000 0000 for differential
readingsand0xF4000000forsingle-ended(seeTable 75).
The data is represented as a 32-bit word (see Table 74)
where the eight most significant bits are fault bits and
the bottom 24 are the ADC reading in volts. For direct
APPLICATIONS INFORMATION
ADC readings hard fault errors do not clamp the digital
output. Readings beyond ±1.125 • VREF/2 exceed the
normal accuracy range of the LTM2985 and flag a soft
error;theseresultsshouldbediscarded.Readingsbeyond
±1.75 • VREF/2 exceed the usable range of the LTM2985;
these result in a hard fault and should be discarded.
Table 74. Direct ADC Voltage Output Result Format
START ADDRESS
START ADDRESS + 1
START ADDRESS + 2
START ADDRESS + 3
(END ADDRESS)
D31
D30 D29 D28 D27
D26
D25
D24
D23 D22 D21 D20 D19 D18 D17 D16 D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
Fault Data
SIGN MSB
LSB
Volts
Sensor
Hard
Fault
Range
Hard
Fault
NA NA Soft
Above
Soft
Below
Soft
Range
Valid
Always
1
± 2V 1V
0.5V 0.25V ...
Integer
Fraction
>VREF
1
1
0
0
1
0
1
1
CLAMPED to Factory Programmed Value
of VREF
1.75 • VREF/2
1
1
0
0
1
0
1
1
0
1
0
0
0
1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
1.125 • VREF/2
0
0
0
0
1
0
1
1
0
0
1
0
1
1 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
VREF/2
0
0
0
0
0
0
0
1
0
0
1
0
1
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
2–21V
0
0
0
0
0
0
0
1
0
0
0
0
0
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
–2–21V
0
0
0
0
0
0
0
1
1
1
1
1
1
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
–VREF/2
0
0
0
0
0
0
0
1
1
1
0
1
0
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
–1.125 • VREF
0
0
0
0
0
1
1
1
1
1
0
1
0
0 1 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
–1.75 • VREF
1
1
0
0
0
1
1
1
1
0
1
1
1
0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
< –VREF
1
1
0
0
0
1
1
1
CLAMPED to Factory Programmed Value
of –VREF
Table 75. Direct ADC Channel Assignment Data
CONFIGURATION
FIELD
DESCRIPTION # BITS
BINARY
DATA
MEMORY
ADDRESS 0x200
MEMORY
ADDRESS 0x201
MEMORY
ADDRESS 0x202
MEMORY
ADDRESS 0x203
(1) Direct ADC
Directly Measure
ADC
5
11110 1 1 1 1 0
(2) SE/Diff
Single-Ended or
Differential
1
0
0
(3) TBL
Table Lookup
1
0
0
(4) Not Used
Set to 0
13
0000000000000
0 0 0 0 0 0 0 0 0 0 0 0 0
(4) Direct ADC Table
Data Pointer
Start Address = 0
6
000000
0 0 0 0 0 0
(5) Direct ADC Table
Data Length-1
Data Length-1 = 0
6
000000
0 0 0 0 0 0
Example: Direct ADC with Differential Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com