Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 15 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 11Page - Analog Devices LTC2995 Datasheet HTML 12Page - Analog Devices LTC2995 Datasheet HTML 13Page - Analog Devices LTC2995 Datasheet HTML 14Page - Analog Devices LTC2995 Datasheet HTML 15Page - Analog Devices LTC2995 Datasheet HTML 16Page - Analog Devices LTC2995 Datasheet HTML 17Page - Analog Devices LTC2995 Datasheet HTML 18Page - Analog Devices LTC2995 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 90 page
background image
LTM2985
15
Rev. 0
For more information www.analog.com
Table 1. LTM2985 Error Contribution and Peak Noise Errors
SENSOR TYPE
TEMPERATURE RANGE
ERROR CONTRIBUTION
PEAK-TO-PEAK NOISE
Type K Thermocouple
–200°C to 0°C
0°C to 1372°C
±(Temperature • 0.23% + 0.05)°C
±(Temperature • 0.12% + 0.05)°C
±0.08°C
Type J Thermocouple
–210°C to 0°C
0°C to 1200°C
±(Temperature • 0.23% + 0.05)°C
±(Temperature • 0.12% + 0.05)°C
±0.07°C
Type E Thermocouple
–200°C to 0°C
0°C to 1000°C
±(Temperature • 0.18% + 0.05)°C
±(Temperature • 0.10% + 0.05)°C
±0.06°C
Type N Thermocouple
–200°C to 0°C
0°C to 1300°C
±(Temperature • 0.27% + 0.08)°C
±(Temperature • 0.10% + 0.08)°C
±0.13°C
Type R Thermocouple
0°C to 1768°C
±(Temperature • 0.10% + 0.4)°C
±0.62°C
Type S Thermocouple
0°C to 1768°C
±(Temperature • 0.10% + 0.4)°C
±0.62°C
Type B Thermocouple
400°C to 1820°C
±(Temperature • 0.10%)°C
±0.83°C
Type T Thermocouple
–250°C to 0°C
0°C to 400°C
±(Temperature • 0.15% + 0.05)°C
±(Temperature • 0.10% + 0.05)°C
±0.09°C
External Diode (2 Reading)
–40°C to 85°C
±0.25°C
±0.05°C
External Diode (3 Reading)
–40°C to 85°C
±0.25°C
±0.2°C
Platinum RTD – PT-10, RSENSE = 1kΩ
Platinum RTD – PT-100, RSENSE = 2kΩ
Platinum RTD – PT-500, RSENSE = 2kΩ
Platinum RTD – PT-1000, RSENSE = 2kΩ
–200°C to 800°C
–200°C to 800°C
–200°C to 800°C
–200°C to 800°C
±0.1°C
±0.1°C
±0.1°C
±0.1°C
±0.05°C
±0.05°C
±0.02°C
±0.01°C
Thermistor, RSENSE = 10kΩ
–40°C to 85°C
±0.1°C
±0.01°C
OVERVIEW
Table 1 shows the estimated system accuracy and noise
associated with specific temperature sensing devices.
System accuracy and peak-to-peak noise include the
effects of the ADC, internal amplifiers, excitation current
sources and integrated reference. Accuracy and noise
are the worst-case errors calculated from the guaranteed
maximum ADC and reference specifications. Peak-to-
peak noise values are calculated at 0°C (except Type B
was calculated at 400°C) and diode measurements use
AVG = ON mode.
Thermocouple errors do not include the errors associated
with the cold junction measurement. Errors associated
with a specific cold junction sensor within the operating
temperature range can be combined with the errors for a
given thermocouple for total temperature measurement
accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com