Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 71 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 71 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 67Page - Analog Devices LTC2995 Datasheet HTML 68Page - Analog Devices LTC2995 Datasheet HTML 69Page - Analog Devices LTC2995 Datasheet HTML 70Page - Analog Devices LTC2995 Datasheet HTML 71Page - Analog Devices LTC2995 Datasheet HTML 72Page - Analog Devices LTC2995 Datasheet HTML 73Page - Analog Devices LTC2995 Datasheet HTML 74Page - Analog Devices LTC2995 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 90 page
background image
LTM2985
71
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
DIRECT ADC MEASUREMENTS
In addition to measuring temperature sensors, the
LTM2985 can perform direct ADC (i.e. voltage) mea-
surements. Any channel may be configured to perform
direct single-ended or differential measurements. Direct
ADC channel assignments follow the general convention
shown in Figure 55. The 32-bit channel assignment word
is programmed into a memory location corresponding to
the input channel.
Figure 55. Direct ADC Channel Assignment Conventions
2985 F55
CHADC
SINGLE-ENDED
CHANNEL
ASSIGNMENT = CHADC (1 ≤ CHADC ≤ 10)
= CHADC (2 ≤ CHADC ≤ 10)
24-BIT
∆∑ ADC
24-BIT
∆∑ ADC
CHANNEL
ASSIGNMENT
DIFFERENTIAL
COM
CHADC
CHADC-1
–
+
–
+
Figure 56. Integral Nonlinearity as a Function of
Temperature at VCC2 = 5.25V
DIFFERENTIAL INPUT VOLTAGE (V)
2985 F37
20
15
10
5
0
–5
–10
–15
–20
–1.5
–0.5
0
0.5
1
1.5
–1
90°C
25°C
–45°C
The Direct ADC mode is configurable to single-ended as
well as differential inputs. The positive input channel ties
to CHADC for both single-ended and differential modes.
For single-ended measurements the ADC negative input is
COM while for differential measurements it is CHADC-1.For
single-ended measurements, COM can be driven with any
voltage above GND – 50mV and below VCC2 – 0.3V. The
direct ADC results are available in memory at a location
corresponding to the conversion channel.
TherearetworesultmodeoptionsfordirectADCoperation.
The first mode is direct voltage output and the second is
table-driven output. When configured for direct voltage
output, the LTM2985 will return a 24-bit fixed-point volt-
age result along with the 8-bit fault status byte. When
configured for table-lookup, the LTM2985 will perform a
table lookup on the raw ADC voltage and return a 24-bit
signed-integer table-lookup result along with the 8-bit
fault status byte.
Figure  56 shows typical integral nonlinearity variation
as a function of supply voltage and temperature for a
differential input voltage (±VREF/2) and VREF/2 common
mode input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com