Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 73 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 73 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 69Page - Analog Devices LTC2995 Datasheet HTML 70Page - Analog Devices LTC2995 Datasheet HTML 71Page - Analog Devices LTC2995 Datasheet HTML 72Page - Analog Devices LTC2995 Datasheet HTML 73Page - Analog Devices LTC2995 Datasheet HTML 74Page - Analog Devices LTC2995 Datasheet HTML 75Page - Analog Devices LTC2995 Datasheet HTML 76Page - Analog Devices LTC2995 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 90 page
background image
LTM2985
73
Rev. 0
For more information www.analog.com
Table Lookup Mode
For table-driven output mode, the channel assignment
word's 1st two bytes are 0xF200 for differential readings
and 0xF600 for single-ended. The 12 least significant bits
APPLICATIONS INFORMATION
containlengthandpointerinformationforthecustomtable
data. When the LTM2985 is configured for table-driven
output data, it will take the voltage value from the ADC
and perform a table lookup. The result format of the table
lookup will be a 24-bit signed integer along with the error
status byte.
Table 78. Direct ADC Table Format
ADDRESS
BYTE 0
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
0x250 + 6 • Start Address
Table Entry #1 (mV)
Table Entry #1 (Integer Value)
0x250 + 6 • Start Address + 6
Table Entry #2 (mV)
Table Entry #2 (Integer Value)
0x250 + 6 • Start Address + 12
Table Entry #3 (mV)
Table Entry #3 (Integer Value)
•
•
•
•
•
•
•
•
•
Max Address = 0x3CA
Table Entry #64 (mV)
Table Entry #64 (Integer Value)
Table 77. Direct ADC Table Lookup Fault Data Byte
BIT
FAULT
DESCRIPTION
D31
Sensor Hard Fault
VADC < –1.75 • VREF/2 or VADC > 1.75 • VREF/2
D30
Range Hard Fault
VADC < –1.75 • VREF/2 or VADC > 1.75 • VREF/2
D29
Not Used
NA
D28
Not Used
NA
D27
Soft Above
VADC > Last Table Point Voltage
D26
Soft Below
VADC < Second Table Point (P1) Voltage
D25
Soft Range
VADC < –1.125 • VREF/2 or VADC > 1.125 • VREF/2
D24
Result Valid (Always 1)
NA
Table 76. Direct ADC Table Lookup Result Format
START ADDRESS
START ADDRESS + 1
START ADDRESS + 2
START ADDRESS + 3
(END ADDRESS)
D31
D30 D29 D28 D27
D26
D25
D24
D23 D22 D21 D20 D19 D18 D17 D16 D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
Fault Data
SIGN MSB
LSB
Sensor
Hard
Fault
Range
Hard
Fault
NA NA Soft
Above
Soft
Below
Soft
Range
Valid
Always
1
Table Lookup Result – Signed Integer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com