Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 59 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 59 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 55Page - Analog Devices LTC2995 Datasheet HTML 56Page - Analog Devices LTC2995 Datasheet HTML 57Page - Analog Devices LTC2995 Datasheet HTML 58Page - Analog Devices LTC2995 Datasheet HTML 59Page - Analog Devices LTC2995 Datasheet HTML 60Page - Analog Devices LTC2995 Datasheet HTML 61Page - Analog Devices LTC2995 Datasheet HTML 62Page - Analog Devices LTC2995 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 90 page
background image
LTM2985
59
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Example: Shared/Rotated Differential Thermistor
The differential thermistor configuration allows separate
internal ground sensing for each sensor. In this configura-
tion, one sense resistor can be used for multiple thermis-
tors. Differential thermistors follow the convention shown
in Figure 31. Terminal 1 ties to CHTHERM and terminal 2
ties to CHTHERM-1 and the sense resistor. Channel assign-
ment data (see Table 54) is mapped to memory locations
corresponding to CHTHERM.
Figure 31. Thermistor with Shared RSENSE Channel
Assignment Convention
2985 F31
2
1
CHTHERM–1
CHTHERM
EXCITATION
CURRENT
FLOW
= CHTHERM (2 ≤ THERM ≤ 10)
2ND TERMINAL TIES TO SENSE RESISTOR
CHANNEL
ASSIGNMENT
Sense resistor channel assignments follow the general
convention shown in Figure 32. The sense resistor is tied
between CHRSENSE and CHRSENSE-1, where CHRSENSE is
tied to the 2nd terminal of the thermistor. Channel as-
signment data (see Table 37) is mapped into a memory
location corresponding to CHTHERM.
Figure 32. Sense Resistor Channel Assignment
Convention for Thermistors
2985 F32
CHRSENSE-1
CHRSENSE
RSENSE
EXCITATION
CURRENT
FLOW
= CHRSENSE (2 ≤ RSENSE ≤ 10)
CHANNEL
ASSIGNMENT
Figure  33 shows a typical temperature measurement
system using a shared sense resistor and one rotated/
non-rotated differential thermistors. In this example a
30kΩ (44032 Type) thermistor is tied to a 10.0kΩ sense
resistor and configured as rotated/shared. The second
thermistor a 2.25kΩ (44033 type) is configured as a
non-rotated/shared. Channel assignment data are shown
in Tables 64 to 66.
A conversion is initiated on CH8 by writing 10001000
into memory location 0x000. Once the conversion is
complete, the INT pin goes HIGH and memory location
0x000 becomes 01001000. The resulting temperature in
°C can be read from memory locations 0x02C to 0x02F
(corresponding to CH8). A conversion can be initiated and
read from CH10 in a similar fashion.
Figure 33. Rotated and Shared Thermistor Example
2985 F33
THERMISTOR #1 ASSIGNED TO CH8 (CHTHERM=8)
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x21C TO 0x21F
RESULT MEMORY LOCATIONS 0x02C TO 0x02F
100pF
CH7
CH6
CH5
CH8
CH9
CH10
THERMISTOR #2 ASSIGNED TO CH10 (CHTHERM=10)
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x224 TO 0x227
RESULT MEMORY LOCATIONS 0x034 TO 0x037
SENSE RESISTOR ASSIGNED TO CH6 (CHRSENSE=6)
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x214 TO 0x217
TYPE 44032
RSENSE
10k
100pF
2
1
100pF
TYPE 44033
100pF
2
1
100pF
100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com