Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 43 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 43 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 39Page - Analog Devices LTC2995 Datasheet HTML 40Page - Analog Devices LTC2995 Datasheet HTML 41Page - Analog Devices LTC2995 Datasheet HTML 42Page - Analog Devices LTC2995 Datasheet HTML 43Page - Analog Devices LTC2995 Datasheet HTML 44Page - Analog Devices LTC2995 Datasheet HTML 45Page - Analog Devices LTC2995 Datasheet HTML 46Page - Analog Devices LTC2995 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 90 page
background image
LTM2985
43
Rev. 0
For more information www.analog.com
Table 43. Channel Assignment Data for 3-Wire RTD (PT-200, RSENSE on CH7, 3-Wire, 50µA Excitation Current,
α = 0.003911 Curve)
CONFIGURATION
FIELD
DESCRIPTION # BITS
BINARY DATA
MEMORY
ADDRESS 0x220
MEMORY
ADDRESS 0x221
MEMORY
ADDRESS 0x222
MEMORY
ADDRESS 0x223
(1) RTD TYPE
PT-200
5
01101 0 1 1 0 1
(2) Sense
Resistor Channel
Pointer
CH7
5
00111
0 0 1 1 1
(3) Sensor
Configuration
3-Wire
4
0100
0 1 0 0
(4) Excitation
Current
50µA
4
0100
0 1 0 0
(5) Curve
American,
α = 0.003911
2
01
0 1
(6) Custom RTD
Data Pointer
Not Custom
12
000000000000
0 0 0 0 0 0 0 0 0 0 0 0
Table 44. Channel Assignment Data for Sense Resistor (Value = 12150.39Ω)
CONFIGURATION
FIELD
DESCRIPTION # BITS
BINARY DATA
MEMORY
ADDRESS 0x218
MEMORY
ADDRESS 0x219
MEMORY
ADDRESS 0x21A
MEMORY
ADDRESS 0x21B
(1) Sensor Type Sense Resistor
5
11101 1 1 1 0 1
(2) Sense Resistor
Value
12150.39Ω
27 000101111011101100110001111
0 0 0 1 0 1 1 1 1 0 1 1 1 0 1 1 0 0 1 1 0 0 0 1 1 1 0
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com