Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 88 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 88 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 82Page - Analog Devices LTC2995 Datasheet HTML 83Page - Analog Devices LTC2995 Datasheet HTML 84Page - Analog Devices LTC2995 Datasheet HTML 85Page - Analog Devices LTC2995 Datasheet HTML 86Page - Analog Devices LTC2995 Datasheet HTML 87Page - Analog Devices LTC2995 Datasheet HTML 88Page - Analog Devices LTC2995 Datasheet HTML 89Page - Analog Devices LTC2995 Datasheet HTML 90Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 88 / 90 page
background image
LTM2985
88
Rev. 0
For more information www.analog.com
CUSTOM THERMISTORS
A custom thermistor tied to CH5, with a sense resistor on
CH3/4, is programmed with the channel assignment data
shown in Table 102 (refer to Figure 27 for a similar format).
In this case the custom data begins at memory location
0x2C8 (starting address is 20). The starting address
(offset from 0x250) is entered in the custom thermistor
data pointer field of the channel assignment data. The data
length (set to 0) is always six 32-bit floating point words.
Table 102. Custom Steinhart-Hart Channel Assignment Data
CONFIGURATION
FIELD
DESCRIPTION # BITS
BINARY
DATA
MEMORY
ADDRESS 0x210
MEMORY
ADDRESS 0x211
MEMORY
ADDRESS 0x212
MEMORY
ADDRESS 0x213
(1) Thermistor Type
Custom
Steinhart-Hart
5
11010 1 1 0 1 0
(2) Sense Resistor
Channel Pointer
CH4
5
00100
0 0 1 0 0
(3) Sensor
Configuration
Single-Ended
3
100
1 0 0
(4) Excitation Current
1µA
4
0011
0 0 1 1
Not Used
Set These Bits
to 0
3
00
0 0 0
(5) Custom Thermistor
Data Pointer
Start Address
= 20
6
010100
0 1 0 1 0 0
(6) Custom Steinhart-
Hart Length Always
Set to 0
Fixed at Six
32-Bit Words
6
000000
0 0 0 0 0 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com