| Electronic Components Datasheet Search |
|
LTC2995 Datasheet(PDF) 66 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
LTC2995 Datasheet(HTML) 66 Page - Analog Devices |
|
66 / 90 page ![]() LTM2985 66 Rev. 0 For more information www.analog.com APPLICATIONS INFORMATION Figure 49 shows the interface to a 3-wire RTD using the multi-sensor circuit. In this case, the RTD ties directly to terminals T1 – T3 and terminal T4 is left floating. Matched excitationcurrentsflowfromCH7andCH8throughprotec- tion resistors RP7 and RP8 while the RTD measurement occurs at CH5 and CH6. The 3-wire RTD is assigned to CH6 and RSENSE sharing is turned on. Figure 50 shows the interface to a 2-wire RTD using the LTM2985 multi-sensor circuit. In this case, the RTD ties directly to terminals T1 and T2 while terminals T3 and T4 are left floating. The excitation currents flows from CH1 through RSENSE and protection resistors RP1 and RP4 (CH5 is internally grounded) while the RTD measurement occurs at CH3 and CH4. The 2-wire RTD is assigned to CH4 and RSENSE sharing is turned on. Figure 51 shows the interface to a thermistor using the LTM2985 multi-sensor circuit. In this case, the thermistor ties directly to terminals T1 and T2 while terminals T3 and T4 are left floating. The excitation current flows from CH1 throughRSENSEandprotectionresistorsRP1andRP4(CH5 is internally grounded) while the thermistor differential measurement occurs at CH3 and CH4. The thermistor is assigned to CH4 and RSENSE sharing is enabled in order to provide an internal ground connection. Figure 49. Protected Multi-Sensor 3-Wire RTD Connection RP6 2985 F49 CH3 CH2 CH1 CH4 CH5 CH8 CH9 COM CH7 CH6 RP2 RP3 RP8 RP5 RSENSE RP4 RP1 RP7 2 3 1 T2 T3 T4 T1 Figure 51. Protected Multi-Sensor Thermistor Connection RP6 2985 F51 CH3 CH2 CH1 CH4 CH5 CH8 CH9 COM CH7 CH6 RP2 RP3 RP8 RP5 RSENSE RP4 RP1 RP7 T2 T3 T4 T1 Figure 50. Protected Multi-Sensor 2-Wire RTD Connection RP6 2985 F50 CH3 CH2 CH1 CH4 CH5 CH8 CH9 COM CH7 CH6 RP2 RP3 RP8 RP5 RSENSE RP4 RP1 RP7 2 1 T2 T3 T4 T1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |