Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 78 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 78 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 74Page - Analog Devices LTC2995 Datasheet HTML 75Page - Analog Devices LTC2995 Datasheet HTML 76Page - Analog Devices LTC2995 Datasheet HTML 77Page - Analog Devices LTC2995 Datasheet HTML 78Page - Analog Devices LTC2995 Datasheet HTML 79Page - Analog Devices LTC2995 Datasheet HTML 80Page - Analog Devices LTC2995 Datasheet HTML 81Page - Analog Devices LTC2995 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 90 page
background image
LTM2985
78
Rev. 0
For more information www.analog.com
Figure 58. Custom Thermocouple Example (mV vs Kelvin)
2985 F58
TEMPERATURE (K)
p9
p8
p7
p6
p5
p4
p3
(0mV, 0K)
NOTE:
P0 SHOULD BE THE
EXTRAPOLATION
POINT TO 0K
VOLTAGE (mV)
p2
p1
p0
VOLTAGE < p1
SOFT FAULT
CONDITION
VOLTAGE > p9
SOFT FAULT
CONDITION
(0mV, 273.15K)
CUSTOM THERMOCOUPLES
In addition to digitizing standard thermocouples, the
LTM2985 can also digitize user-programmable, custom
thermocouples(thermocoupletype=0b01001,seeTable 16).
Custom sensor data (minimum of three, maximum of 64
pairs) reside sequentially in memory and are arranged in
blocks of six bytes of monotonically increasing tabular
data as mV vs temperature (see Table 86).
Custom Thermocouple Example
In this example, a simplified thermocouple curve is
implemented (see Figure 58). Points P1 to P9 represent
the normal operating range of the custom thermocouple.
Voltage readings above point P9 result in a soft fault and
Table 86. Custom Thermocouple Tabular Data Format
ADDRESS
BYTE 0 BYTE 1 BYTE 2 BYTE 3 BYTE 4 BYTE 5
0x250 + 6 • Start Address
Table Entry #1 (mV) Table Entry #1 (Kelvin)
0x250 + 6 • Start Address + 6 Table Entry #2 (mV) Table Entry #2 (Kelvin)
0x250 + 6 • Start Address + 12 Table Entry #3 (mV) Table Entry #3 (Kelvin)
•
•
•
•
•
•
•
•
•
Max Address = 0x3CA
Table Entry #64 (mV) Table Entry #64 (Kelvin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com