Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 28 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 24Page - Analog Devices LTC2995 Datasheet HTML 25Page - Analog Devices LTC2995 Datasheet HTML 26Page - Analog Devices LTC2995 Datasheet HTML 27Page - Analog Devices LTC2995 Datasheet HTML 28Page - Analog Devices LTC2995 Datasheet HTML 29Page - Analog Devices LTC2995 Datasheet HTML 30Page - Analog Devices LTC2995 Datasheet HTML 31Page - Analog Devices LTC2995 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 90 page
background image
LTM2985
28
Rev. 0
For more information www.analog.com
(4) Custom Thermocouple Data Pointer
See Custom Thermocouples section near the end of this
data sheet for more information.
Fault Reporting – Thermocouple
Each sensor type has a unique fault reporting mechanism
indicatedintheupperbyteofthedataoutputword.Table 19
shows faults reported in the measurement of thermo-
couples.
BitD31indicatesthethermocouplesensorisopen(broken
or not plugged in), the cold junction sensor has a hard
fault, or the ADC is out of range. This is indicated by a
reading well beyond the normal operating range. Bit D30
indicates a bad ADC reading. This can be a result of either
a broken (open) sensor or an excessive noise event (ESD
or static discharge into the sensor path). Either of these
APPLICATIONS INFORMATION
Table 19. Thermocouple Fault Reporting
BIT
FAULT
ERROR TYPE
DESCRIPTION
OUTPUT RESULT
D31
Sensor Hard Fault
Hard
Open Circuit or Hard ADC or Hard CJ
–999°C or °F
D30
Hard ADC-Out-of-Range
Hard
Bad ADC Reading (Could Be Large External Noise Event)
–999°C or °F
D29
CJ Hard Fault
Hard
Cold Junction Sensor Has a Hard Fault Error
–999°C or °F
D28
CJ Soft Fault
Soft
Cold Junction Sensor Result Is Beyond Normal Range
Suspect Reading
D27
Sensor Over Range
Soft
Thermocouple Reading Greater Than High Limit
Suspect Reading
D26
Sensor Under Range
Soft
Thermocouple Reading Less Than Low Limit
Suspect Reading
D25
ADC Out-of-Range
Soft
ADC Absolute Input Voltage Is Beyond ±1.125 • VREF/2
Suspect Reading
D24
Valid
NA
Result Valid (Should Be 1) Discard Results if 0
Valid Reading
are a hard error and –999°C or °F is reported. In the case
of an excessive noise event, the device should recover and
the following conversions will be valid if the noise event
was a random, infrequent event. Bit D29 indicates a hard
fault occurred at the cold junction sensor and –999°C
or °F is reported. Refer to the specific sensor (diode,
themistor, or RTD) used for cold junction compensation.
Bit D28 indicates a soft fault occurred at the cold junction
sensor. A valid temperature is reported, but the accuracy
may be compromised since the cold junction sensor is
operating outside its normal temperature range. Bits
D27 and D26 indicate over or under temperature limits
have been exceeded for specific thermocouple types, as
defined in Table 20. Bit D25 indicates the absolute voltage
measuredbytheADCisbeyonditsnormaloperatingrange.
This fault reflects a reading that is well beyond the normal
range of a thermocouple.
Table 20. Thermocouple Temperature Limits
THERMOCOUPLE TYPE LOW TEMP LIMIT °C
HIGH TEMP LIMIT °C
J-Type
–210
1200
K-Type
–265
1372
E-Type
–265
1000
N-Type
–265
1300
R-type
–50
1768
S-Type
–50
1768
T-Type
–265
400
B-Type
40
1820
Custom
Lowest Table Entry
Highest Table Entry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com