Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 38 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 38 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 34Page - Analog Devices LTC2995 Datasheet HTML 35Page - Analog Devices LTC2995 Datasheet HTML 36Page - Analog Devices LTC2995 Datasheet HTML 37Page - Analog Devices LTC2995 Datasheet HTML 38Page - Analog Devices LTC2995 Datasheet HTML 39Page - Analog Devices LTC2995 Datasheet HTML 40Page - Analog Devices LTC2995 Datasheet HTML 41Page - Analog Devices LTC2995 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 90 page
background image
LTM2985
38
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
(1) Sensor Type
The sense resistor is selected by setting the first 5 input
bits, B31 to B27, to 11101 (see Table 38).
Sense resistor channel assignments follow the general
convention shown in Figure 11. The sense resistor is tied
between CHRSENSE and CHRSENSE-1, where CHRSENSE is
tied to the 2nd terminal of the RTD. Channel assignment
data (see Table 37) is mapped into a memory location
corresponding to CHRSENSE.
Table 38. Sense Resistor Selection
(1) SENSOR TYPE
B31
B30
B29
B28
B27
SENSOR TYPE
1
1
1
0
1
Sense Resistor
(2) Sense Resistor Value
The last field in the channel assignment word (B26 to B0)
sets the value of the sense resistor within the range 0 to
131,072Ω with 1/1024Ω precision (see Table 39). The top
17 bits (B26 to B10) create the integer and bits B9 to B0
create the fraction of the sense resistor value.
Example: 2-Wire RTD
The simplest RTD configuration is the 2-wire configura-
tion, 2-wire RTDs follow the general convention shown in
Figure 10. They require only two connections per RTD and
can be tied directly to 2-lead RTD elements. This topology,
however, causes errors due to parasitic lead resistance. If
sharing is not selected (1 RSENSE per RTD), then CHRTD
should be grounded. The ground connection should be
removedifsharingisenabled(1RSENSEformultipleRTDs).
Figure 10. 2-Wire RTD Channel Assignment Convention
2985 F10
OPTIONAL GND, REMOVE FOR RSENSE SHARING
2ND TERMINAL TIES TO SENSE RESISTOR (CHRSENSE)
2
1
CHRTD-1
CHRTD
EXCITATION
CURRENT
FLOW
= CHRTD (2 ≤ RTD ≤ 10)
CHANNEL
ASSIGNMENT
Figure 11. Sense Resistor Channel Assignment Convention
for 2-Wire RTDs
2985 F11
CHRSENSE-1
CHRSENSE
RSENSE
EXCITATION
CURRENT
FLOW
= CHRSENSE (2 ≤ RSENSE ≤ 10)
CHANNEL
ASSIGNMENT
Example: 2-Wire RTDs with Shared RSENSE
Figure 12showsatypicaltemperaturemeasurementsystem
using multiple 2-wire RTDs. In this example, a PT-1000
RTD ties to CH7 and CH8 and an NI-120 RTD ties to CH9
and CH10. Using this configuration, the LTM2985 can
digitize up to four 2-wire RTDs with a single sense resistor.
RTD #1 sensor type and configuration data are assigned
to CH8. 32 bits of binary configuration data are mapped
directly into memory locations 0x21C to 0x21F (see
Table 40). RTD #2 sensor type and configuration data are
assigned to CH10. 32-bits of binary configuration data are
mapped directly into memory locations 0x224 to 0x227
(see Table 41). The sense resistor is assigned to CH6.
The user-programmable value of this resistor is 5001.5Ω.
32 bits of binary configuration data are mapped directly
into memory locations 0x214 to 0x217 (see Table 42).
A conversion is initiated on CH8 by writing 10001000
into memory location 0x000. Once the conversion is
complete, the INT pin goes HIGH and memory location
0x000 becomes 01001000. The resulting temperature in
°C can be read from memory locations 0x02C to 0x02F
(corresponding to CH8). A conversion can be initiated and
read from CH10 in a similar fashion.
Table 39. Example Sense Resistor Values
(2) SENSE RESISTOR VALUE (Ω)
B26 B25 B24 B23 B22 B21 B20 B19 B18 B17 B16 B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0
Example R
216 215 214 213 212 211 210 29 28 27 26 25 24 23 22 21 20 2–1 2–2 2–3 2–4 2–5 2–6 2–7 2–8 2–9 2–10
10,000.2Ω
0
0
0
1
0
0
1
1
1
0
0
0
1
0
0
0
0
0
0
1
1
0
0
1
1
0
1
99.99521kΩ
1
1
0
0
0
0
1
1
0
1
0
0
1
1
0
1
1
0
0
1
1
0
1
0
1
1
1
1.0023kΩ
0
0
0
0
0
0
0
1
1
1
1
1
0
1
0
1
0
0
1
0
0
1
1
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com