Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 52 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 52 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 48Page - Analog Devices LTC2995 Datasheet HTML 49Page - Analog Devices LTC2995 Datasheet HTML 50Page - Analog Devices LTC2995 Datasheet HTML 51Page - Analog Devices LTC2995 Datasheet HTML 52Page - Analog Devices LTC2995 Datasheet HTML 53Page - Analog Devices LTC2995 Datasheet HTML 54Page - Analog Devices LTC2995 Datasheet HTML 55Page - Analog Devices LTC2995 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 90 page
background image
LTM2985
52
Rev. 0
For more information www.analog.com
THERMISTOR MEASUREMENTS
Channel Assignment – Thermistor
For each thermistor tied to the LTM2985, a 32-bit channel
assignment word is programmed into a memory location
corresponding to the channel the sensor is tied to (see
Table  54). This data includes (1) thermistor type, (2)
sense resistor channel pointer, (3) sensor configuration,
(4) excitation current, (5) Steinhart-Hart address pointer
or custom table address pointer.
(1) Thermistor Type
The thermistor type is determined by the first five input
bits (B31 to B27) as shown in Table  55. Linearization
coefficients based on Steinhart-Hart equation for com-
APPLICATIONS INFORMATION
Table 54. Thermistor Channel Assignment Word
(1) THERMISTOR
TYPE
(2) SENSE RESISTOR
CHANNEL POINTER
(3) SENSOR
CONFIGURATION
(4) EXCITATION
CURRENT
(5) CUSTOM THERMISTOR
DATA POINTER
TABLE 55
TABLE 31
TABLE 56
TABLE 57
TABLES 96, 97, 98, 100, 101
Measurement Class 31 30 29 28 27 26 25 24 23 22
21
20
19
18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Thermistor
Type = 19 to 27
RSENSE Channel
Pointer [4:0]
SGL = 1
DIFF = 0
Excitation
Mode
Excitation Current
[3:0]
Not Used
0 0 0
Custom Address
[5:0]
Custom Length –1
[5:0]
Table 55. Thermistor Type: 1/T = A + B • ln(R) + C • ln(R)2 + D • ln(R)3 + E • ln(R)4 + F •ln(R)5
B31 B30 B29 B28 B27
THERMISTOR TYPE
A
B
C
D
E
F
1
0
0
1
1
Thermistor 44004/44033
2.252kΩ at 25°C
1.46800E-03 2.38300E-04
0
1.00700E-07
0
0
1
0
1
0
0
Thermistor 44005/44030
3kΩ at 25°C
1.40300E-03 2.37300E-04
0
9.82700E-08
0
0
1
0
1
0
1
Thermistor 44007/44034
5kΩ at 25°C
1.28500E-03 2.36200E-04
0
9.28500E-08
0
0
1
0
1
1
0
Thermistor 44006/44031
10kΩ at 25°C
1.03200E-03 2.38700E-04
0
1.58000E-07
0
0
1
0
1
1
1
Thermistor 44008/44032
30kΩ at 25°C
9.37600E-04 2.20800E-04
0
1.27600E-07
0
0
1
1
0
0
0
Thermistor YSI-400
2.252kΩ at 25°C
1.47134E-03 2.37624E-04
0
1.05034E-07
0
0
1
1
0
0
1
Spectrum 1003k 1kΩ
at 25°C
1.445904E-3 2.68399E-04
0
1.64066E-07
0
0
1
1
0
1
0
Thermistor Custom
Steinhart-Hart
user input
user input
user input
user input
user input
user input
1
1
0
1
1
Thermistor Custom Table
not used
not used
not used
not used
not used
not used
monlyusedThermistortypes44004/44033,44005/44030,
44006/44031, 44007/44034, 44008/44032 and YSI-400
are built into the device. If other custom thermistors are
used, Thermistor Custom Steinhart-Hart or Thermistor
CustomTable(temperaturevsresistance)canbeselected.
In this case, user specific data can be stored in the on-
chip RAM starting at the address defined in Thermistor
Custom Steinhart-Hart or Thermistor Custom Table ad-
dress pointers.
(2) Sense Resistor Channel Pointer
Thermistor measurements are performed ratiometrically
relative to a known RSENSE resistor. The sense resistor
channel pointer field indicates the differential channel
the sense resistor is tied to for the current thermistor
(see Table 31).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com